Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1028362 Datasheet HTML 3Page - PHOENIX CONTACT 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT 1028362 Datasheet HTML 10Page - PHOENIX CONTACT 1028362 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 7 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Approvals
BV 
 http://www.veristar.com/portal/veristarinfo/generalinfo/
approved/approvedProducts/equipmentAndMaterials
 59146/A0 BV
cULus Recognized 
 
 
Accessories
Accessories
Jumper
Plug-in bridge - FBS 2-6 - 3030336
Plug-in bridge, pitch: 6.2 mm, width: 10.7 mm, number of positions: 2, color: red
 
 
Plug-in bridge - FBS 2-6 GY - 3032237
Plug-in bridge, pitch: 6.2 mm, width: 10.7 mm, number of positions: 2, color: gray
 
 
Plug-in bridge - FBS 2-6 BU - 3036932
Plug-in bridge, pitch: 6.2 mm, width: 10.7 mm, number of positions: 2, color: blue
 
 
Labeled terminal marker
Marker card - SK 6,2/3,8:FORTL.ZAHLEN - 0804374
Marker card, Card, white, labeled, horizontal: consecutive numbers 1 ... 10, 11 ... 20, etc. up to 91 ... (99)100,
mounting type: adhesive, for terminal block width: 6.2 mm, lettering field size: 6.2 x 3.8 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com