Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1028362 Datasheet HTML 1Page - PHOENIX CONTACT 1028362 Datasheet HTML 2Page - PHOENIX CONTACT 1028362 Datasheet HTML 3Page - PHOENIX CONTACT 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 2 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Technical data
General
Back of the hand protection
guaranteed
Finger protection
guaranteed
Result of surge voltage test
Test passed
Result of power-frequency withstand voltage test
Test passed
Power frequency withstand voltage setpoint
2 kV
Result of the test for mechanical stability of terminal points (5 x
conductor connection)
Test passed
Result of bending test
Test passed
Bending test rotation speed
10 rpm
Bending test turns
135
Bending test conductor cross section/weight
0.2 mm² / 0.2 kg
4 mm² / 0.9 kg
6 mm² / 1.4 kg
Tensile test result
Test passed
Result of tight fit on support
Test passed
Tight fit on carrier
NS 35
Setpoint
5 N
Result of voltage-drop test
Test passed
Result of temperature-rise test
Test passed
Short circuit stability result
Test passed
Conductor cross section short circuit testing
4 mm²
Short-time current
0.48 kA
Conductor cross section short circuit testing
6 mm²
Short-time current
0.72 kA
Result of thermal test
Test passed
Ageing test for screwless modular terminal block temperature cycles
192
Proof of thermal characteristics (needle flame) effective duration
30 s
Result of aging test
Test passed
Oscillation, broadband noise test result
Test passed
Test specification, oscillation, broadband noise
DIN EN 50155 (VDE 0115-200):2008-03
Test spectrum
Service life test category 2, bogie-mounted
Test frequency
f1 = 5 Hz to f2 = 250 Hz
ASD level
6.12 (m/s2)2/Hz
Acceleration
3.12 g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Shock test result
Test passed
Test specification, shock test
DIN EN 50155 (VDE 0115-200):2008-03
Shock form
Half-sine
Acceleration
30g
Shock duration
18 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com