Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1028362 Datasheet HTML 2Page - PHOENIX CONTACT 1028362 Datasheet HTML 3Page - PHOENIX CONTACT 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT 1028362 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 6 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Approvals
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
Nominal voltage UN
600 V
600 V
Nominal current IN
32 A
32 A
mm²/AWG/kcmil
24-10
24-10
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-61977
 
 
Nominal voltage UN
450 V
Nominal current IN
32 A
mm²/AWG/kcmil
4
VDE Zeichengenehmigung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40047798
 
 
Nominal voltage UN
450 V
Nominal current IN
32 A
mm²/AWG/kcmil
0.2-4
DNV GL 
 https://approvalfinder.dnvgl.com/
 TAE00002TT
 
 
Nominal voltage UN
500 V
Nominal current IN
24 A
EAC 
 
 RU C-
DE.BL08.B.00644
LR 
 http://www.lr.org/en
 LR2002627TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com