Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028362 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1028362
Description  Distribution block - PTFIX 2X4 RD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1028362 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1028362 Datasheet HTML 4Page - PHOENIX CONTACT 1028362 Datasheet HTML 5Page - PHOENIX CONTACT 1028362 Datasheet HTML 6Page - PHOENIX CONTACT 1028362 Datasheet HTML 7Page - PHOENIX CONTACT 1028362 Datasheet HTML 8Page - PHOENIX CONTACT 1028362 Datasheet HTML 9Page - PHOENIX CONTACT 1028362 Datasheet HTML 10Page - PHOENIX CONTACT 1028362 Datasheet HTML 11Page - PHOENIX CONTACT 1028362 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1028362
09/12/2020   Page 10 / 12
Distribution block - PTFIX 2X4 RD - 1028362
Accessories
DIN rail adapter - PTFIX-NS35A-FIX - 3274057
DIN rail adapter, with end stop function, length: 45.7 mm, width: 10.3 mm, height: 12 mm, color: gray
 
 
Terminal marking
Marker for terminal blocks - US-TML (104X3,8) - 0830768
Marker for terminal blocks, Card, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: adhesive, lettering field
size: 104 x 3.8 mm, Number of individual labels: 22
 
 
Marker for terminal blocks - US-TML (104X2,8) - 0830767
Marker for terminal blocks, Card, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: adhesive, lettering field
size: 104 x 2.8 mm, Number of individual labels: 26
 
 
Marker card - SK U/3,8 WH:UNBEDRUCKT - 0803906
Marker card, Sheet, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, Office printing systems,
mounting type: adhesive, for terminal block width: 210 mm, lettering field size: 186 x 3.8 mm, Number of individual
labels: 1440
 
 
Marker card - SK U/2,8 WH:UNBEDRUCKT - 0803883
Marker card, Sheet, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, Office printing systems,
mounting type: adhesive, for terminal block width: 210 mm, lettering field size: 186 x 2.8 mm, Number of individual
labels: 3600
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com