Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5501 Datasheet HTML 14Page - Microchip Technology MIC5501 Datasheet HTML 15Page - Microchip Technology MIC5501 Datasheet HTML 16Page - Microchip Technology MIC5501 Datasheet HTML 17Page - Microchip Technology MIC5501 Datasheet HTML 18Page - Microchip Technology MIC5501 Datasheet HTML 19Page - Microchip Technology MIC5501 Datasheet HTML 20Page - Microchip Technology MIC5501 Datasheet HTML 21Page - Microchip Technology MIC5501 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006006B-page 19
MIC5501/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5501-1.8YMT-T5:
MIC5501, 1.8V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 500/Reel
b) MIC5501-3.0YMT-TR:
MIC5501, 3.0V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 5,000/Reel
c) MIC5501-3.0YM5-TR:
MIC5501, 3.0V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 5-Lead
SOT23, 3,000/Reel
d) MIC5502-2.8YMT-TR:
MIC5502, 2.8V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 5,000/Reel
e) MIC5503-1.2YMT-TR:
MIC5503, 1.2V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 5,000/Reel
f) MIC5504-1.0YMT-T5:
MIC5504, 1.0V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 500/Reel
g) MIC5504-2.2YMT-TR:
MIC5504, 2.2V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 5,000/Reel
h) MIC5504-3.1YMT-TZ:
MIC5504, 3.1V Fixed Output
Voltage, –40°C to +125°C
Temperature Range, 4-Lead
TDFN, 10,000/Reel
Device:
MIC5501:
Single 300 mA LDO, General Purpose
MIC5502:
Single 300 mA LDO, Auto-Discharge
MIC5503:
Single 300 mA LDO, Internal EN Pull-
Down
MIC5504:
Single 300 mA LDO, Auto-Discharge and
Internal EN Pull-Down
Output Voltage:
1.0 =
1.0V (MIC5504/MT)
1.2 =
1.2V (MIC5503/4)
1.8 =
1.8V (MIC5501/2/3/4)
2.2 =
2.2V (MIC5504/MT)
2.5 =
2.5V (MIC5504)
2.8 =
2.8V (MIC5502/4)
3.0 =
3.0V (MIC5501/2/4)
3.1 =
3.1V (MIC5504/MT)
3.3 =
3.3V (MIC5504)
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
MT =
4-Lead 1 mm x 1 mm TDFN
M5 =
5-Lead SOT23
Media Type:
T5
=
500/Reel
TR =
3,000/Reel (SOT23)
TR =
5,000/Reel (TDFN)
TZ
=
10,000/Reel (TDFN)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X.X
X
XX
-XX
Part No.
Output
Voltage
Junction
Temp. Range
Package
Media Type
Note: Other voltage options available. Contact your Microchip sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com