Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5501 Datasheet HTML 1Page - Microchip Technology MIC5501 Datasheet HTML 2Page - Microchip Technology MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006006B-page 3
MIC5501/2/3/4
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN) .................................................................................................................................... –0.3V to +6V
Enable Voltage (VEN) .................................................................................................................................... –0.3V to VIN
Power Dissipation (PD) ............................................................................................................. Internally Limited, Note 1
ESD Rating (Note 2) ..................................................................................................................................................3 kV
Operating Ratings ‡
Supply Voltage (VIN) ................................................................................................................................. +2.5V to +5.5V
Enable Voltage (VEN) ......................................................................................................................................... 0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA)/θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the reg-
ulator will go into thermal shutdown.
2: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VEN = VOUT + 1V; CIN = COUT = 1 μF; IOUT = 100 μA; TJ = +25°C, bold values
indicate –40°C to +125°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VOUT
–2.0
—
2.0
%
Variation from nominal VOUT
–3.0
—
3.0
Variation from nominal VOUT;
–40°C to +125°C
Line Regulation
—
—
0.02
0.3
%/V
VIN = VOUT +1V to 5.5V; IOUT =
100 μA
Load Regulation (Note 1)
—
—
8
40
mV
IOUT = 100 μA to 300 mA
Dropout Voltage (Note 2)
VDO
—
80
190
mV
IOUT = 150 mA
—
160
380
IOUT = 300 mA
Ground Pin Current (Note 3)
IGND
—
38
55
μA
IOUT = 0 mA
—
42
65
IOUT = 300 mA
Ground Pin Current in
Shutdown
IGND(SHDN)
—
0.05
1
μA
VEN = 0V
Ripple Rejection
PSRR
—
60
—
dB
f = 1 kHz; COUT = 1 μF
Current Limit
ILIM
400
630
900
mA
VOUT = 0V
Output Voltage Noise
en
—
175
—
μVRMS COUT = 1 μF, 10 Hz to 100 kHz
Auto-Discharge NFET
Resistance
—
—
25
—
Ω
MIC5502, MIC5504 Only;
VEN = 0V; VIN = 3.6V; IOUT = –3 mA
Enable Input
Enable Pull-Down Resistor
—
—
4
—
MΩ
For MIC5503 and MIC5504 use
only
Enable Input Voltage
VEN
—
—
0.2
V
Logic-Low
1.2
—
—
Logic-High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com