Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology MIC5501 Datasheet HTML 10Page - Microchip Technology MIC5501 Datasheet HTML 11Page - Microchip Technology MIC5501 Datasheet HTML 12Page - Microchip Technology MIC5501 Datasheet HTML 13Page - Microchip Technology MIC5501 Datasheet HTML 14Page - Microchip Technology MIC5501 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006006B-page 11
MIC5501/2/3/4
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions
for
the
regulator
circuit.
The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 250°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5501-YMT at an
input voltage of 3.6V and 300 mA load with a minimum
footprint layout, the maximum ambient operating
temperature TA can be determined as follows:
EQUATION 4-4:
0.240W
125
CT
A
–
 250C/W
=
T A
65
C
=
Therefore,
the
maximum
ambient
operating
temperature allowed in a 1 mm × 1 mm DFN package
is 65°C. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Microchip’s Designing
with Low-Dropout Voltage Regulators handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com