Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC5501 Datasheet HTML 10Page - Microchip Technology MIC5501 Datasheet HTML 11Page - Microchip Technology MIC5501 Datasheet HTML 12Page - Microchip Technology MIC5501 Datasheet HTML 13Page - Microchip Technology MIC5501 Datasheet HTML 14Page - Microchip Technology MIC5501 Datasheet HTML 15Page - Microchip Technology MIC5501 Datasheet HTML 16Page - Microchip Technology MIC5501 Datasheet HTML 17Page - Microchip Technology MIC5501 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MIC5501/2/3/4
DS20006006B-page 14
 2019 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
5-Lead SOT23*
4-Lead TDFN*
XX
XX
Example
Example
ZX
VX
TABLE 7-1:
ABBREVIATED TOP MARK
Device
Package
Feature
Output Voltage
1.0V 1.2V 1.8V 2.2V 2.5V
2.8V
3.0V 3.1V 3.3V
MIC5501 4L TDFN (MT)
General Purpose
—
—
—
—
—
—
VP
—
—
MIC5501 5L SOT23 (M5)
General Purpose
—
—
—
—
—
—
VX
—
—
MIC5502 4L TDFN (MT)
Auto-Discharge
—
—
XG
—
—
XM
XP
—
—
MIC5502 5L SOT23 (M5)
Auto-Discharge
—
—
—
—
—
—
—
—
—
MIC5503 4L TDFN (MT)
EN Pull-Down
—
XV
YV
—
—
—
—
—
—
MIC5503 5L SOT23 (M5)
EN Pull-Down
—
—
—
—
—
—
—
—
—
MIC5504 4L TDFN (MT)
Auto-Discharge &
EN Pull-Down
CX
ZX
GX
UW
UX
MX
PX
TX
SX
MIC5504 5L SOT23 (M5)
Auto-Discharge &
EN Pull-Down
—
WX4 WXG
—
WXJ WXM WXP
—
WXS
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com