Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5501 Datasheet HTML 1Page - Microchip Technology MIC5501 Datasheet HTML 2Page - Microchip Technology MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006006B-page 1
MIC5501/2/3/4
Features
• Input Voltage Range: 2.5V to 5.5V
• Fixed Output Voltages from 1.0V to 3.3V
• 300 mA Guaranteed Output Current
• High Output Accuracy (±2%)
• Low Quiescent Current: 38 μA
• Stable with 1 μF Ceramic Output Capacitors
• Low Dropout Voltage: 160 mV @ 300 mA
• Output Discharge Circuit: MIC5502, MIC5504
• Internal Enable Pull-Down: MIC5503, MIC5504
• Thermal-Shutdown and Current-Limit Protection
• 4-Lead 1.0 mm x 1.0 mm Thin DFN Package
• MIC5501/4 5-Lead SOT23 Package
Applications
• Smartphones
• DSC, GPS, PMP, and PDAs
• Medical Devices
• Portable Electronics
• 5V Systems
General Description
The MIC5501/2/3/4 is an advanced general-purpose
LDO ideal for powering general-purpose portable
devices. The MIC5501/2/3/4 family of products
provides a high-performance 300 mA LDO in an
ultra-small 1 mm x 1 mm package. The MIC5502 and
MIC5504 LDOs include an auto-discharge feature on
the output that is activated when the enable pin is low.
The MIC5503 and MIC5504 have an internal pull-down
resistor on the enable pin that disables the output when
the enable pin is left floating. This is ideal for
applications where the control signal is floating during
processor boot up.
Ideal
for
battery-powered
applications,
the
MIC5501/2/3/4 offers 2% initial accuracy, low dropout
voltage (160 mV at 300 mA), and low ground current
(typically 38 μA). The MIC5501/2/3/4 can also be put
into a zero-off-mode current state, drawing virtually no
current when disabled.
The MIC5501/2/3/4 has an operating junction
temperature range of –40°C to +125°C.
Package Types
MIC5501/2/3/4
4-Lead DFN (MT)
(Top View)
MIC5501/4
SOT23-5 (M5)
(Top View)
VIN
EN
VOUT
GND
43
12
EP
EN GND
NC
VOUT
VIN
3
1
5
2
4
300 mA Single Output LDO in Small Packages


Similar Part No. - MIC5501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
Single 300mA LDO
logo
Microchip Technology
MIC5501 MICROCHIP-MIC5501 Datasheet
881Kb / 15P
Single 300mA LDO in 1.0mm × 1.0mm DFN Package
April 20, 2015
logo
Micrel Semiconductor
MIC5501-1.2YMT MICREL-MIC5501-1.2YMT Datasheet
65Kb / 2P
Single 300mA LDO
logo
Microchip Technology
MIC5501-1.2YMT MICROCHIP-MIC5501-1.2YMT Datasheet
881Kb / 15P
Single 300mA LDO in 1.0mm × 1.0mm DFN Package
April 20, 2015
logo
Micrel Semiconductor
MIC5501-1.8YMT MICREL-MIC5501-1.8YMT Datasheet
65Kb / 2P
Single 300mA LDO
More results

Similar Description - MIC5501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V06 Datasheet
4Mb / 45P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
300 mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com