Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5501 Datasheet HTML 1Page - Microchip Technology MIC5501 Datasheet HTML 2Page - Microchip Technology MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC5501/2/3/4
DS20006006B-page 4
 2019 Microchip Technology Inc.
Enable Input Current
MIC5501, MIC5502
IEN
—
0.01
1
μA
VEN = 0V
—
0.01
1
VEN = 5.5V
Enable Input Current
MIC5503, MIC5504
IEN
—
0.01
1
μA
VEN = 0V
—
1.4
2
VEN = 5.5V
Turn-On Time
tON
—
50
125
μs
COUT = 1 μF; IOUT = 150 mA
Note 1: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in
output voltage due to heating effects are covered by the thermal regulation specification.
2: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential. For outputs below 2.5V, dropout voltage is the input-to-output
differential with the minimum input voltage 2.5V.
3: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum
of the load current plus the ground pin current.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VEN = VOUT + 1V; CIN = COUT = 1 μF; IOUT = 100 μA; TJ = +25°C, bold values
indicate –40°C to +125°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com