Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5501
Description  300 mA Single Output LDO in Small Packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology MIC5501 Datasheet HTML 10Page - Microchip Technology MIC5501 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006006B-page 7
MIC5501/2/3/4
FIGURE 2-7:
Output Voltage vs. Output
Current.
FIGURE 2-8:
Output Voltage vs. Supply
Voltage.
FIGURE 2-9:
Output Voltage vs.
Temperature.
FIGURE 2-10:
Current Limit vs. Supply
Voltage.
V
IN = 3V
V
OUT = 1.8V
C
IN = COUT = 1μF
Time (10μs/div)
V
OUT
(500mV/div)
V
EN
(500mV/div)
FIGURE 2-11:
Enable Turn-On.
V
IN = 4.3V
V
OUT = 3.3V
C
IN = COUT = 1μF
Time (20μs/div)
V
OUT
(1V/div)
V
EN
(1V/div)
FIGURE 2-12:
Enable Turn-On.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com