Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3036330 Datasheet HTML 1Page - PHOENIX CONTACT 3036330 Datasheet HTML 2Page - PHOENIX CONTACT 3036330 Datasheet HTML 3Page - PHOENIX CONTACT 3036330 Datasheet HTML 4Page - PHOENIX CONTACT 3036330 Datasheet HTML 5Page - PHOENIX CONTACT 3036330 Datasheet HTML 6Page - PHOENIX CONTACT 3036330 Datasheet HTML 7Page - PHOENIX CONTACT 3036330 Datasheet HTML 8Page - PHOENIX CONTACT 3036330 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 4 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Classifications
eCl@ss
eCl@ss 9.0
27141120
ETIM
ETIM 2.0
EC000897
ETIM 3.0
EC000897
ETIM 4.0
EC000897
ETIM 5.0
EC000897
ETIM 6.0
EC000897
ETIM 7.0
EC000897
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
UNSPSC 18.0
39121410
UNSPSC 19.0
39121410
UNSPSC 20.0
39121410
UNSPSC 21.0
39121410
Approvals
Approvals
Approvals
CSA / EAC / EAC / EAC / UL Recognized / cUL Recognized / IECEE CB Scheme / VDE Zeichengenehmigung / cULus Recognized
Ex Approvals
Approval details
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
B
C
Nominal voltage UN
300 V
300 V
Nominal current IN
20 A
20 A
mm²/AWG/kcmil
28-12
28-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com