Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3036330 Datasheet HTML 1Page - PHOENIX CONTACT 3036330 Datasheet HTML 2Page - PHOENIX CONTACT 3036330 Datasheet HTML 3Page - PHOENIX CONTACT 3036330 Datasheet HTML 4Page - PHOENIX CONTACT 3036330 Datasheet HTML 5Page - PHOENIX CONTACT 3036330 Datasheet HTML 6Page - PHOENIX CONTACT 3036330 Datasheet HTML 7Page - PHOENIX CONTACT 3036330 Datasheet HTML 8Page - PHOENIX CONTACT 3036330 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 1 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Double-level spring-cage terminal block, connection method: Spring-cage connection, cross section: 0.08
mm² - 4 mm², AWG: 28 - 12, width: 5.2 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
Your advantages
 The color coding of the PE and N levels helps to create clear and unambiguous potential distribution
 These mixed versions combine the advantages of double-level feed-through terminal blocks and ground terminal blocks of the same shape
 The PE/L and PE/N types feature ground conductor contact with the DIN rail in the lower level, while the upper level is designed as a feed-
through level
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918823139
Technical data
General
Number of levels
2
Number of connections
4
Nominal cross section
2.5 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum power dissipation for nominal condition
0.77 W (the value is multiplied when connecting multiple levels)
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)


Similar Part No. - 3036330

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
30363 WIHA-30363 Datasheet
58Kb / 1P
Screwdriver SoftFinish electric
logo
PHOENIX CONTACT
3036301 PHOENIX-3036301 Datasheet
141Kb / 4P
STS 4-QUATTRO BU
3036314 PHOENIX-3036314 Datasheet
150Kb / 5P
STTB 2,5-PE/L
3036327 PHOENIX-3036327 Datasheet
151Kb / 5P
STTB 2,5-PE/N
3036343 PHOENIX-3036343 Datasheet
136Kb / 6P
ST 2,5-MT
More results

Similar Description - 3036330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035108 PHOENIX-3035108 Datasheet
93Kb / 7P
Double-level terminal block - STTB 2,5-PV BU
3035519 PHOENIX-3035519 Datasheet
65Kb / 3P
Double-level spring-cage terminal block - STTB 2,5-BE
3035564 PHOENIX-3035564 Datasheet
144Kb / 14P
Double-level spring-cage terminal block - STTB 2,5-PT100 MD
3035593 PHOENIX-3035593 Datasheet
71Kb / 5P
Double-level spring-cage terminal block - STTB 4-PV BU
3031432 PHOENIX-3031432 Datasheet
272Kb / 24P
Double-level spring-cage terminal block - STTB 4 BU
09/12/2020
3040054 PHOENIX-3040054 Datasheet
523Kb / 48P
Double-level terminal block - STTB 2,5/2P
09/12/2020
3040070 PHOENIX-3040070 Datasheet
476Kb / 43P
Double-level terminal block - STTB 2,5/2P-PV
09/12/2020
3040672 PHOENIX-3040672 Datasheet
481Kb / 43P
Double-level terminal block - STTB 2,5/2P BU
09/12/2020
3035373 PHOENIX-3035373 Datasheet
592Kb / 21P
Double-level spring-cage terminal block - STTB 2,5 OG
02/04/2022
3061486 PHOENIX-3061486 Datasheet
548Kb / 49P
Double-level terminal block - STTB 2,5/4P
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com