Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 3036330 Datasheet HTML 11Page - PHOENIX CONTACT 3036330 Datasheet HTML 12Page - PHOENIX CONTACT 3036330 Datasheet HTML 13Page - PHOENIX CONTACT 3036330 Datasheet HTML 14Page - PHOENIX CONTACT 3036330 Datasheet HTML 15Page - PHOENIX CONTACT 3036330 Datasheet HTML 16Page - PHOENIX CONTACT 3036330 Datasheet HTML 17Page - PHOENIX CONTACT 3036330 Datasheet HTML 18Page - PHOENIX CONTACT 3036330 Datasheet HTML 19Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 17 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Accessories
Marker for terminal blocks - UC-TMF 5 - 0818153
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snap into flat marker groove, for terminal block
width: 5.2 mm, lettering field size: 4.6 x 5.1 mm, Number of individual labels: 96
 
 
Marker for terminal blocks - UCT-TMF 5 - 0828744
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0,
THERMOMARK CARD, mounting type: snap into flat marker groove, for terminal block width: 5.2 mm, lettering field
size: 4.4 x 4.7 mm, Number of individual labels: 72
 
 
Test plug terminal block
Test plugs - PS-5 - 3030983
Test plugs, Modular test plug, color: red
 
 
Test plugs - PS-5/2,3MM RD - 3038723
Test plugs, color: red
 
 
Test socket
Test adapter - PAI-4-FIX-5/6 BU - 3035975
4 mm test adapter, for terminal blocks with 5.2 mm and 6.2 mm pitch
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com