Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 3036330 Datasheet HTML 2Page - PHOENIX CONTACT 3036330 Datasheet HTML 3Page - PHOENIX CONTACT 3036330 Datasheet HTML 4Page - PHOENIX CONTACT 3036330 Datasheet HTML 5Page - PHOENIX CONTACT 3036330 Datasheet HTML 6Page - PHOENIX CONTACT 3036330 Datasheet HTML 7Page - PHOENIX CONTACT 3036330 Datasheet HTML 8Page - PHOENIX CONTACT 3036330 Datasheet HTML 9Page - PHOENIX CONTACT 3036330 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 6 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Approvals
cULus Recognized 
 
 
Accessories
Accessories
Bridge
Wire bridge - FBSW 2-5/250MM - 3030172
Wire bridge, length: 250 mm, width: 5.1 mm, number of positions: 1, color: red/black
 
 
Wire bridge - FBSW 2-5/60MM - 3030170
Wire bridge, length: 60 mm, width: 5.1 mm, number of positions: 1, color: red/black
 
 
Wire bridge - FBSW 2-5/110MM - 3030171
Wire bridge, length: 110 mm, width: 5.1 mm, number of positions: 1, color: red/black
 
 
Component plug terminal block
Component connector - P-CO 2-5 R47K - 3032447
Component connector, with 47 kOhm resistance for wire-break monitoring, pitch: 5.2 mm, length: 8.9 mm, width: 4.1
mm, height: 34.8 mm, number of positions: 2, color: black
 
 
Cover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com