Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  3036330 Datasheet HTML 1Page - PHOENIX CONTACT 3036330 Datasheet HTML 2Page - PHOENIX CONTACT 3036330 Datasheet HTML 3Page - PHOENIX CONTACT 3036330 Datasheet HTML 4Page - PHOENIX CONTACT 3036330 Datasheet HTML 5Page - PHOENIX CONTACT 3036330 Datasheet HTML 6Page - PHOENIX CONTACT 3036330 Datasheet HTML 7Page - PHOENIX CONTACT 3036330 Datasheet HTML 8Page - PHOENIX CONTACT 3036330 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 5 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Approvals
EAC 
 
 EAC-Zulassung
EAC 
 
 RU C-
DE.A*30.B.01742
EAC 
 
 RU C-
DE.BL08.B.00644
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
D
Nominal voltage UN
300 V
300 V
600 V
Nominal current IN
20 A
20 A
5 A
mm²/AWG/kcmil
28-12
28-12
28-12
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
D
Nominal voltage UN
300 V
300 V
600 V
Nominal current IN
20 A
20 A
5 A
mm²/AWG/kcmil
28-12
28-12
28-12
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-63032
VDE Zeichengenehmigung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40009033
 
 
Nominal voltage UN
500 V
Nominal current IN
24 A
mm²/AWG/kcmil
0.2-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com