Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 3036330 Datasheet HTML 11Page - PHOENIX CONTACT 3036330 Datasheet HTML 12Page - PHOENIX CONTACT 3036330 Datasheet HTML 13Page - PHOENIX CONTACT 3036330 Datasheet HTML 14Page - PHOENIX CONTACT 3036330 Datasheet HTML 15Page - PHOENIX CONTACT 3036330 Datasheet HTML 16Page - PHOENIX CONTACT 3036330 Datasheet HTML 17Page - PHOENIX CONTACT 3036330 Datasheet HTML 18Page - PHOENIX CONTACT 3036330 Datasheet HTML 19Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 16 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Accessories
Partition plate - ATP-STTB 4 - 3030747
Partition plate, length: 88.7 mm, width: 2 mm, height: 53 mm, color: gray
 
 
Spacer plate - DP PS-5 - 3036725
Spacer plate, length: 22.4 mm, width: 5.2 mm, height: 29 mm, number of positions: 1, color: red
 
 
Screwdriver tools
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Actuation tool - ST-BW - 1207608
Actuation tool, for all 2.5 mm² - 4.0 mm² spring-cages
 
 
Terminal marking
Zack Marker strip, flat - ZBF 5:UNBEDRUCKT - 0808642
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap into flat marker groove, for terminal block width: 5 mm, lettering field size: 5.1 x 5.2 mm, Number of individual
labels: 10
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com