Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036330 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 3036330 Datasheet HTML 7Page - PHOENIX CONTACT 3036330 Datasheet HTML 8Page - PHOENIX CONTACT 3036330 Datasheet HTML 9Page - PHOENIX CONTACT 3036330 Datasheet HTML 10Page - PHOENIX CONTACT 3036330 Datasheet HTML 11Page - PHOENIX CONTACT 3036330 Datasheet HTML 12Page - PHOENIX CONTACT 3036330 Datasheet HTML 13Page - PHOENIX CONTACT 3036330 Datasheet HTML 14Page - PHOENIX CONTACT 3036330 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 11 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Accessories
Plug-in bridge - FBS 5-5 - 3030190
Plug-in bridge, pitch: 5.2 mm, length: 23 mm, width: 24.6 mm, number of positions: 5, color: red
 
 
Plug-in bridge - FBS 10-5 - 3030213
Plug-in bridge, pitch: 5.2 mm, length: 22.7 mm, width: 50.6 mm, number of positions: 10, color: red
 
 
Plug-in bridge - FBS 20-5 - 3030226
Plug-in bridge, pitch: 5.2 mm, number of positions: 20, color: red
 
 
Plug-in bridge - FBS 50-5 - 3038930
Plug-in bridge, pitch: 5.2 mm, number of positions: 50, color: red
 
 
Plug-in bridge - FBSR 2-5 - 3033702
Plug-in bridge, pitch: 5.2 mm, number of positions: 2, color: red
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com