Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 19 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 19 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 15Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 16Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 17Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 18Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 19Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 20Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 21Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 22Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 19
UCS2113
FIGURE 5-2:
Wake from Sleep using SMBus Read.
5.1.3
ACTIVE STATE OPERATION
Every time the UCS2113 enters the Active state, the
port power switches are closed. The UCS2113 cannot
be in the Active state (and therefore, the port power
switch cannot be turned on) if any of the following
conditions exist:
•VS <VS_UVLO
• PWR_EN1 and PWR_EN2 are disabled.
5.1.4
ERROR STATE OPERATION
The UCS2113 will enter the Error state from the Active
state when any of the following events are detected:
• The maximum allowable internal die temperature
(TTSD_HIGH) has been exceeded.
•The TTSD_LOW die temperature has been
exceeded and any of the following conditions is
met:
- a power switch operates in constant current
mode
- PWR_EN1 and/or PWR_EN2 controls
transition from inactive to active.
- it is a power up situation and PWR_EN1
and/or PWR_EN2 pins are active.
• An overcurrent condition has been detected.
• An undervoltage condition on either VBUS pin has
been detected (see Section 5.3.4 “Undervoltage
Lockout on VS”).
• A back-voltage condition has been detected (see
Section 5.3.2 “Back-voltage Detection”).
• A discharge error has been detected.
• An overvoltage condition on the VS pin.
When the UCS2113 enters the Error state, the port
power switch will be disabled while the ALERT# pin is
asserted. It will remain off while in this power state. The
UCS2113 will leave this state as determined by the fault
handling selection.
With the Auto-recovery fault handler, after the tCYCLE
time period, the UCS2113 will check that all of the error
conditions have been removed.
If all of the error conditions have been removed, the
UCS2113 will return to the Active state.
If both PWR_EN1 and PWR_EN2 controls transition
from active to inactive while the UCS2113 is in the Error
state, the device will not enter the Sleep state. After the
fault has been removed, the UCS2113 will not automat-
ically enter the Sleep state if the EN_VBUS_DISCHG
bit from the General Configuration 2 Register is not set
(default setting). To enter the Sleep state, the PWR_EN
pins must be toggled or an SMBus read register com-
mand must be sent.
5.2
Communication
The UCS2113 can operate in SMBus mode (see
Section 7.0 “System Management Bus Protocol”)
or Stand-Alone mode. The resistor connected to the
COMM_ILIM pin determines the operating mode and
the hardware-set ILIM setting, as shown in Table 5-3.
Unless connected to GND or VDD, the resistors in
Table 5-3 are external pull-down resistors.
The SMBus address is specified in Section 7.2
“SMBus Address and RD/WR Bit”.
0101_1110 A
invalid dataN P
SMBus Read
A
0001_0000
0101_1110 A
valid data N P
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy read returns invalid data
and places device in temporary
Active state
Read returns valid data
0101_1111 A
S
0101_1111 A
S
A
Power State
temporary Active state
(not all functionality available)
tSMB_WAKE
TABLE 5-3:
COMMUNICATION DECODE
COMM_ILIM Pull Down
Resistor (±1%)
PWR_EN1 and
PWR_EN2 Polarity
ILIM (A)
Total ILIM (A)
(Note 1)
Communication
Mode
GND
Active-High
0.53
0.53 + 0.53
SMBUS
10 k
Active-High
0.96
0.96 + 0.96
SMBUS
12 k
Active-High
1.07
1.07 + 1.07
SMBUS
15 k
Active-High
1.28
1.28 + 1.28
SMBUS
18 k
Active-High
1.6
1.6 + 1.6
SMBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com