Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 42 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 42 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 38Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 39Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 40Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 41Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 42Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 43Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 44Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 45Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
UCS2113
DS20005680B-page 42
 2016-2021 Microchip Technology Inc. and its subsidiaries
REGISTER 8-8:
GENERAL CONFIGURATION 2 REGISTER (ADDRESS 12H)
R/W-0
U-0
R/W-0
R/W-0
U
R/W-0
U-1
U-0
ALERT2_MASK
—
DSCHG2
PWR_EN2S
—
EN_VBUS_DISCHG
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on
Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is
unknown
bit 7
ALERT2_MASK: Mask errors for all interrupts in Register 8-4 except OV_LIM2 and TSD.
1 = The ALERT#2 pin will only assert if a OV_LIM2 or TSD is detected
0 = The ALERT#2 pin will be asserted if an error condition or indicator event is detected
bit 6
Unimplemented
bit 5
DSCHG2: Forces the VBUS2 to be reset and discharged when the UCS2113 is in the Active state and
the EN_VBUS_DISCHG bit is logic '1'. Writing this bit to a logic '1' will cause the port power switch
to be opened and the discharge circuitry to activate to discharge VBUS. Actual discharge time is
controlled by DISCHG_TIME<1:0>. This bit must be cleared by the SMBus host after the forced VBUS
discharge.
1 =VBUS2 discharge initiated
0 = Port 2 not in discharge
bit 4
PWR_EN2S: Power Enable Port 2 override - This bit is OR’ed with the PWR_EN2 pin. Thus, if the
polarity is set to active-high, either the PWR_EN2 pin or this bit must be ‘1’ to enable the port power
switch.
bit 3
Unimplemented
bit 2
EN_VBUS_DISCHG: Enables VBUS discharge circuitry.
If it is '0', it completely disables all the automatic VBUS discharges from happening and allows only
manual VBUS discharges (the SMBus host must set and clear DISCHG_LOAD1 and DISCHG_-
LOAD2 bits from the Current Limit Behavior Registers 23h and 24h). Setting DSCHG1 and DSCHG2
bits from the General Configuration 1 and 2 registers 11h and 12h does not have any effect in this
case (Note 1).
If it is '1', the VBUS is discharged automatically as described in Section 6.4, VBUS Discharge. The
VBUS can be discharged manually by the SMBus host only by setting DSCHG1 and DSCHG2 bits
from the General Configuration 1 and 2 Registers 11h and 12h. Setting DISCHG_LOAD1 and
DISCHG_LOAD2 bits from the Current Limit Behavior Registers 23h and 24h doesn't have any effect
in this case.
bit 1-0
Unimplemented
Note 1: When the automatic VBUS discharges are disabled (EN_VBUS_DISCHG is '0'), the UCS2113 will not
check that the VBUS voltage is below the VTEST level after the manual VBUS discharges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com