Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 32Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 33Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 34Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 36Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 37Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 38Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 39Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
UCS2113
DS20005680B-page 36
 2016-2021 Microchip Technology Inc. and its subsidiaries
bit 1
BACK_V1: Back-Bias Voltage Port 1 - Indicates that the VBUS1 voltage has exceeded the VS or VDD
voltages by more than 150 mV. This bit will be cleared when read if the error condition has been removed
or if the ERR1 bit is cleared. This bit will cause the ALERT#1 pin to be asserted and the device to enter
the Error state.
1 =VBUS1 > VS, or VBUS1 > VDD by more than 150 mV.
0 =VBUS1 voltage has not exceeded the VS and VDD voltages by more than 150 mV.
bit 0
OV_LIM1: Over Current Limit Port 1 - Indicates that the IBUS current has exceeded both the ILIM thresh-
old and the IBUS_R2MIN threshold settings for VBUS1. This bit will be cleared when read if the error con-
dition has been removed or if the ERR1 bit is cleared. This bit will cause the ALERT#1 pin to be asserted
and the device to enter the Error state.
1 = Current Limit for Port 1 exceeded
0 = Current Limit for Port 1 not exceeded
Note 1: Note that the ERR1 bit does not necessarily reflect the ALERT#1 pin status. The ALERT#1 pin may be
cleared or asserted without the ERR1 bit changing states.
REGISTER 8-3:
INTERRUPT STATUS 1 REGISTER (ADDRESS 03H) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com