Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 59 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 59 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 54Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 55Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 56Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 57Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 58Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 59Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 60Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 61Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 59
UCS2113
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UCS2113:
USB Dual-Port Power Switch and Current
Monitor
Tape and Reel
Option:
<Blank>
T
= Standard packaging (tube or tray)
= Tape and Reel(1)
Version:
1
2
= SMBus address 57h
= SMBus address 56h
Temperature Range:
V
= –40°C to +105°C (Various)
Package:
G4
= Plastic Quad Flat No Lead Package - 4x4 mm
Body with 0.40 mm Contact Length, Saw
Singulated, QFN, 20-lead
Qualification:
<Blank>
VAO
= Standard Part
= Automotive AEC-Q100 Qualified
PART NO.
–X
/XX
Package
Temperature
Range
Device
[T](1)
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples:
a)
UCS2113-1-V/G4:
Tube or Tray,
SMBus Address 57h,
Various Temperature,
20-pin 4x4 QFN Package
b)
UCS2113T-1-V/G4:
Tape and Reel,
SMBus Address 57h,
Various Temperature,
20-pin 4x4 QFN Package
c)
UCS2113-2-V/G4:
Tube or Tray,
SMBus Address 56h,
Various Temperature,
20-pin 4x4 QFN Package
d)
UCS2113T-2-V/G4:
Tape and Reel,
SMBus Address 56h,
Various Temperature,
20-pin 4x4 QFN Package
e)
UCS2113T-1-V/G4VAO: Tape and Reel,
SMBus Address 57h,
Various Temperature,
20-pin 4x4 QFN Package,
Automotive Qualified
–X
Version
XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com