Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 32 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 28Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 29Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 30Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 31Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 32Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 33Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 34Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
UCS2113
DS20005680B-page 32
 2016-2021 Microchip Technology Inc. and its subsidiaries
8.0
REGISTER DESCRIPTION
The registers shown in Table 8-1 are accessible
through the SMBus or I2C. An entry of ‘—’ indicates
that the bit is not used. Writing to these bits will have no
effect and reading these bits will return ‘0’. Writing to a
reserved bit may cause unexpected results and
reading from a reserved bit will return either ‘1’ or ‘0’ as
indicated in the bit description. While in the Sleep state,
the UCS2113 will retain configuration and charge
rationing data as indicated in the text. If a register does
not indicate that data will be retained in the Sleep
power state, this information will be lost when the
UCS2113 enters the Sleep power state.
TABLE 8-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
00h
Port 1 Current Measurement
R
Stores the current measurement for Port 1
00h
33
01h
Port 2 Current Measurement
R
Stores the current measurement for Port 2
00h
33
02h
Port Status
R
Indicates Port and general status
00h
34
03h
Interrupt Status1
See Text Indicates why ALERT# pin asserted for Port 1
00h
35
04h
Interrupt Status2
See Text Indicates why ALERT# pin asserted for Port 2
00h
37
0Fh
General Status1
R/R-C
Indicates General Status for Port 1
00h
39
10h
General Status2
R/R-C
Indicates General Status for Port 2
00h
40
11h
General Configuration1
R/W
Controls basic functionality for Port 1
06h
41
12h
General Configuration2
R/W
Controls basic functionality for Port 2
02h
42
13h
General Configuration3
R/W
Controls other functionality
60h
43
14h
Current Limit
R/W
Controls/Displays MAX Current Limit per port
00h
44
15h
Auto-Recovery Configuration R/W
Controls the Auto-Recovery functionality
2Ah
45
16h
Port 1 Total Accumulated
Charge High Byte
R
Stores the total accumulated charge
delivered high byte, Port 1
00h
46
17h
Port 1 Total Accumulated
Charge Middle High Byte
R
Stores the total accumulated charge
delivered middle high byte, Port 1
00h
46
18h
Port 1 Total Accumulated
Charge Middle Low Byte
R
Stores the total accumulated charge
delivered middle low byte, Port 1
00h
46
19h
Port 1 Total Accumulated
Charge Low Byte
R
Stores the total accumulated charge
delivered low byte, Port 1
00h
46
1Ah
Port 2 Total Accumulated
Charge High Byte
R
Stores the total accumulated charge
delivered high byte, Port 2
00h
47
1Bh
Port 2 Total Accumulated
Charge Middle High Byte
R
Stores the total accumulated charge
delivered middle high byte, Port 2
00h
47
1Ch
Port 2 Total Accumulated
Charge Middle Low Byte
R
Stores the total accumulated charge
delivered middle low byte, Port 2
00h
47
1Dh
Port 2 Total Accumulated
Charge Low Byte
R
Stores the total accumulated charge
delivered low byte, Port 2
00h
47
1Eh
Port 1 Charge Rationing
Threshold High Byte
R/W
Sets the maximum allowed charge that will
be delivered to Port 1
FFh
48
1Fh
Port 1 Charge Rationing
Threshold Low Byte
R/W
Sets the maximum allowed charge that will
be delivered to Port 1
FFh
48
20h
Port 2 Charge Rationing
Threshold High Byte
R/W
Sets the maximum allowed charge that will
be delivered to Port 2
FFh
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com