Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 49 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 49 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 45Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 46Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 47Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 48Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 49Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 50Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 51Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 52Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 49
UCS2113
REGISTER 8-16:
RATION CONFIGURATION REGISTER (ADDRESS 22H)
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
RTN_EN2
RTN_RST2
RTN_BEH2<1:0>
RTN_EN1
RTN_RST1
RTN_BEH1<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RTN_EN2: Charge Ration Enable Port 2 - Enables Charge Rationing for Port 2.
1 = Charge Rationing enabled
0 = Charge Rationing disabled. The Total Accumulated Charge registers for Port 2 will be cleared to
00_00h and current data will no longer be accumulated. If the Total Accumulated Charge registers
have already reached the Charge Rationing Threshold, the applied response will be removed as if
the charge rationing had been reset. This will also clear the RATION2 status bit (if set).
bit 6
RTN_RST2: Port 2 Ration Reset - Resets the charge rationing functionality for Port 2.
1 = Total Accumulated Charge registers are reset to 00_00h. In addition, when this bit is set, the
RATION2 status bit will be cleared and, if there are no other errors or active indicators, the
ALERT#2 pin will be released.
0 = Normal operation. This bit must be cleared to enable charge rationing
bit 5-4
RTN_BEH2<1:0>: Ration Behavior Control bits - Controls how the UCS2113 responds when the Ration
Threshold has been exceeded (as shown in Table 6-2).
00 = Report
01 = Report and Disconnect
10 = Disconnect and SLEEP
11 = Ignore
bit 3
RTN_EN1: Charge Ration Enable Port 1 - Enables Charge Rationing for Port 1.
1 = Charge Rationing enabled
0 = Charge Rationing disabled. The Total Accumulated Charge registers for Port 1 will be cleared to
00_00h and current data will no longer be accumulated. If the Total Accumulated Charge registers
have already reached the Charge Rationing Threshold, the applied response will be removed as if
the charge rationing had been reset. This will also clear the RATION1 status bit (if set).
bit 2
RTN_RST1: Port 1 Ration Reset - Resets the charge rationing functionality for Port 1.
1 = Total Accumulated Charge registers are reset to 00_00h. In addition, when this bit is set, the
RATION1 status bit will be cleared and, if there are no other errors or active indicators, the
ALERT#1 pin will be released.
0 = Normal operation. This bit must be cleared to enable charge rationing.
bit 1-0
RTN_BEH1<1:0>: Ration Behavior Control bits - Controls how the UCS2113 responds when the Ration
Threshold has been exceeded (as shown in Table 6-2).
00 = Report
01 = Report and Disconnect
10 = Disconnect and SLEEP
11 = Ignore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com