Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1-V/G4 Datasheet(PDF) 21 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 21 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 17Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 18Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 19Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 20Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 21Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 22Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 23Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 24Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 21
UCS2113
5.4
Discrete Output Pins
5.4.1
ALERT#1 AND ALERT#2 OUTPUT
PINS
The UCS2113 has two independent ALERT# out pins.
ALERT#1 is tied to the status of the VBUS1 pin.
ALERT#2 is tied to the status of the VBUS2 pin.
The ALERT# pin is an active-low open-drain interrupt
to the host controller. The ALERT# pin is asserted
when an error occurs. Also, when charge rationing is
enabled, the ALERT# pin is asserted by default when
the current rationing threshold is reached (as
determined by RATION_BEH<1:0>). The ALERT# pin
is released when all error conditions that may assert
the ALERT# pin (such as an error condition and charge
rationing) have been removed or reset as necessary.
The UCS2113 is compatible with the Microchip hub
devices supporting single pin power control feature.
These hub devices have a single connection to the
PWR_EN and ALERT# pins of the UCS2113, which are
tied together in the application.
5.4.2
BOOST# OUTPUT PIN
The UCS2113 provides a BOOST# output pin to
compensate for voltage drops during high loads. The
BOOST# pin is an active-low, open-drain output that
would be connected to a resistor in the DC-DC
converter’s
feedback
error
voltage
loop
(see
Figure 5-3).
The
BOOST#
pin
is
asserted
when
VBUS Current > IBOOST. IBOOST typical value is 1.9A.
The BOOST# is OR’ed for both VBUS1 and VBUS2 ports.
When the BOOST# pin is asserted, it will remain in this
state for at least tBOOST_MAT (minimum assertion time).
FIGURE 5-3:
Boost# Pin Usage.
5.5
Discrete Input Pins
5.5.1
COMM_ILIM INPUT
The
COMM_ILIM
input
determines
the
communications mode, as shown in Table 6-1. This is
also the hardware strap for MAX Current Limit.
5.5.2
SMCLK
When operated in Stand-Alone mode, this pin should be
tied to ground. When the UCS2113 is configured for
SMBus communications, the SMCLK is the clock input.
5.5.3
SMDATA
When used in Stand-Alone, this pin should be tied to
ground.
When the UCS2113 is configured for SMBus
communications, the SMDATA is the data input/output.
DC-DC
Converter Block
5.0VOUT
FeedBack
GND
R1
R2
R3
R4
VFB
GND
PWR_EN1
BOOST#
1
2
3
4
5
15
14
13
12
PWR_EN2
GND
VBUS1
COMM_ILIM
11
GND FLAG
UCS2113
20-QFN 4 x 4 mm
VBUS1
VBUS2
VBUS2
5VOUT
R1 R2 R3
++
 V
FB
R3
--------------------------------------------------------
=
VOUT
R2 R3
+
 R
1 VFB
R3 R4
--------------------------------------------------------
=
VOUT
5VOUT
VFB
--------------------
R1
R3
------
–


 R1 VFB
R4
------------------------
=
If R1 R3
VOUT
5VOUT R1
R4
---------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com