Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT8365
9
Rev. A
For more information www.analog.com
OPERATION
The LT8365 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation. Op-
eration can be best understood by referring to the Block
Diagram. An oscillator (with frequency programmed by a
resistor at the RT pin) turns on the internal power switch at
the beginning of each clock cycle. Current in the inductor
then increases until the current comparator trips and turns
off the power switch. The peak inductor current at which
the switch turns off is controlled by the voltage on the VC
pin. The error amplifier servos the VCpinbycomparingthe
voltage on the FBX pin with an internal reference voltage
(1.60V or –0.80V, depending on the chosen topology).
When the load current increases it causes a reduction in
the FBX pin voltage relative to the internal reference. This
causes the error amplifier to increase the VC pin voltage
until the new load current is satisfied. In this manner, the
error amplifier sets the correct peak switch current level
to keep the output in regulation.
The LT8365 is capable of generating either a positive or
negative output voltage with a single FBX pin. It can be
configured as a boost or SEPIC converter to generate a
positive output voltage, or as an inverting converter to
generate a negative output voltage. When configured as
a Boost converter, as shown in the Block Diagram, the
FBX pin is pulled up to the internal bias voltage of 1.60V
by a voltage divider (R1 and R2) connected from VOUT
to GND. Amplifier A2 becomes inactive and amplifier A1
performs (inverting) amplification from FBX to VC. When
the LT8365 is in an inverting configuration, the FBX pin
is pulled down to –0.80V by a voltage divider from VOUT
to GND. Amplifier A1 becomes inactive and amplifier A2
performs (non-inverting) amplification from FBX to VC.
If the EN/UVLO pin voltage is below 1.6V, the LT8365
enters undervoltage lockout (UVLO), and stops switching.
When the EN/UVLO pin voltage is above 1.68V (typical),
theLT8365resumesswitching.IftheEN/UVLOpinvoltage
is below 0.2V, the LT8365 draws less than 1µA from VIN.
For the SYNC/MODE pin tied to ground or <0.14V, the
LT8365 will enter low output ripple Burst Mode opera-
tion for ultra low quiescent current during light loads to
maintain high efficiency. For a 100k resistor from SYNC/
MODE pin to GND, the LT8365 uses Burst Mode opera-
tion for improved efficiency at light loads but seamlessly
transitions to Spread-Spectrum Modulation of switching
frequency for low EMI at heavy loads. For the SYNC/
MODE pin floating (left open), the LT8365 uses pulse-
skipping mode, at the expense of hundreds of microamps,
to maintain output voltage regulation at light loads by
skipping switch pulses. For the SYNC/MODE pin tied to
INTVCC or >1.7V, the LT8365 uses pulse-skipping mode
and performs Spread-Spectrum Modulation of switching
frequency. For the SYNC/MODE pin driven by an external
clock, the converter switching frequency is synchronized
to that clock and pulse-skipping mode is also enabled. See
the Pin Functions section for SYNC/MODE pin.
The LT8365 includes a BIAS pin to improve efficiency
acrossallloads.TheLT8365intelligentlychoosesbetween
the VIN and BIAS pins to supply the INTVCC for best ef-
ficiency. The INTVCC supply current can be drawn from
the BIAS pin instead of the VIN pin for 4.4V ≤ BIAS ≤ VIN.
Protection features ensure the immediate disable of
switching and reset of the SS pin for any of the following
faults: internal reference UVLO, INTVCC UVLO, switch cur-
rent > 1.5× maximum limit, EN/UVLO < 1.6V or junction
temperature > 170°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com