Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 2 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8365
2
Rev. A
For more information www.analog.com
SW..........................................................................150V
VIN, EN/UVLO............................................................60V
BIAS..........................................................................60V
EN/UVLO Pin Above VIN Pin, SYNC.............................6V
INTVCC ..............................................................(Note 2)
VC ...............................................................................4V
FBX ...........................................................................±4V
Operating Junction Temperature (Note 3)
LT8365E ............................................ –40°C to 125°C
LT8365J, LT8365H ............................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8365EMSE#PBF
LT8365EMSE#TRPBF
8365
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 125°C
LT8365JMSE#PBF
LT8365JMSE#TRPBF
8365
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 150°C
LT8365HMSE#PBF
LT8365HMSE#TRPBF
8365
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8365EMSE#WPBF
LT8365EMSE#WTRPBF
8365
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 125°C
LT8365JMSE#WPBF
LT8365JMSE#WTRPBF
8365
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 150°C
LT8365HMSE#WPBF
LT8365HMSE#WTRPBF
8365
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
1
3
5
6
7
8
EN/UVLO
VIN
INTVCC
NC
BIAS
VC
16
14
12
11
10
9
SW1
SW2
SYNC/MODE
SS
RT
FBX
TOP VIEW
17
PGND,
GND
MSE PACKAGE
VARIATION: MSE16 (12)
16-LEAD PLASTIC MSOP
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS PGND AND GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com