Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT8365
11
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC REGULATOR
A low dropout (LDO) linear regulator, supplied from VIN,
produces a 3.2V supply at the INTVCC pin. A minimum
1µF low ESR ceramic capacitor must be used to bypass
the INTVCC pin to ground to supply the high transient cur-
rents required by the internal power MOSFET gate driver.
No additional components or loading is allowed on this
pin. The INTVCC rising threshold (to allow soft-start and
switching) is typically 2.65V. The INTVCC falling threshold
(to stop switching and reset soft-start) is typically 2.5V.
To improve efficiency across all loads, the majority of
INTVCC current can be drawn from the BIAS pin (4.4V ≤
BIAS ≤ VIN) instead of the VIN pin. For SEPIC applications
with VIN often greater than VOUT, the BIAS pin can be di-
rectly connected to VOUT. If the BIAS pin is connected to
a supply other than VOUT, be sure to bypass the pin with
a local ceramic capacitor.
Programming Switching Frequency
The LT8365 uses a constant frequency PWM architecture
that can be programmed to switch from 100kHz to 500kHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
45.2k
fOSC1.009
where RT is in kΩ and fOSC is the desired switching fre-
quency in kHz.
Table 1. SW Frequency vs RT Value
fOSC (kHz)
RT (kΩ)
100
432
200
215
300
143
400
107
450
95.3
500
84.5
Synchronization and Mode Selection
To select low ripple Burst Mode operation, for high effi-
ciency at light loads, tie the SYNC/MODE pin below 0.14V
(this can be ground or a logic low output).
To synchronize the LT8365 oscillator to an external fre-
quencyconnectasquarewave(with20%to80%dutycycle)
to the SYNC pin. The square wave amplitude should have
valleys that are below 0.4V and peaks above 1.7V (up to
6V).TheLT8365willnotenterBurstModeoperationatlow
output loads while synchronized to an external clock, but
instead will pulse skip to maintain regulation. The LT8365
may be synchronized over a 100kHz to 500kHz range. The
RT resistor should be chosen to set the LT8365 switching
frequency equal to or below the lowest synchronization
input. For example, if the synchronization signal will be
500kHz and higher, the RT should be selected for 500kHz.
For some applications it is desirable for the LT8365 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. Firstly, the clock stays
awake at all times and all switching cycles are aligned to
the clock. Secondly, the full switching frequency is main-
tained at lower output load than in Burst Mode operation.
These two differences come at the expense of increased
quiescent current. To enable pulse-skipping mode, float
the SYNC pin.
To improve EMI/EMC, the LT8365 can provide spread
spectrumfrequencymodulation(SSFM).Thisfeaturevaries
the clock with a triangle frequency modulation of 20%. For
example, if the LT8365's frequency was programmed to
switch at 500kHz, spread spectrum mode will modulate
the oscillator between 500kHz and 600kHz. The 20%
modulation will occur at a frequency: fOSC/256 where fOSC
is the switching frequency programmed using the RT pin.
The LT8365 can also be configured to operate in pulse-
skipping/SSFM mode by tying the SYNC/MODE pin above
1.7V. The LT8365 can also be configured for Burst Mode
operation at light loads (for improved efficiency) and
SSFM at heavy loads (for low EMI) by tying a 100k from
the SYNC/MODE pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com