Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 22 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8331 Datasheet HTML 18Page - Analog Devices LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LT8365
22
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
400kHz, 9V to 30V Input, 125V Output Boost Converter
400kHz, 4.5V to 60V Input, 48V Output SEPIC Converter
Efficiency
8365 TA06a
C4
1µF
C1
10µF
C3
1nF
C2
0.22µF
R3
12.7k
R2
84.5k
R1
107k
C5
0.22µF
L1
10µH
D1
R4
1M
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
9V TO 30V
VOUT
125V
20mA
D1: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324100
C5: CGJ5L3X7T2D224K160AA
VIN = 12V
VIN = 24V
VIN = 48V
LOAD CURRENT (A)
0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40
0
10
20
30
40
50
60
70
80
90
100
Efficiency
8365 TA07b
8365 TA07a
C4
1µF
C1
10µF
C3
6.8nF
C2
10nF
R1
1M
R2
34.8k
R3
33k
R4
107k
D1
C5
10µF
L1
47µH
L2
47µH
C6
1µF
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
VOUT
4.5V TO 60V
48V
200mA at VIN = 12V
250mA at VIN = 24V
300mA at VIN = 48V
D1: DIODES INC. DFLS2100
L1: WURTH ELEKTRONIK WE-DD 744873470
C5: MURATA GRM32ER71H106KA12L
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com