Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LT8365
14
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
not short-circuit protected. Under a shorted output condi-
tion, the inductor current is limited only by the input supply
capability. For applications requiring a step-up converter
that is short-circuit protected, please refer to the Applica-
tions Information section covering SEPIC converters.
The conversion ratio as a function of duty cycle is:
VOUT
VIN
=
1
1 − D
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT − VIN(MIN)
VOUT
Discontinuous conduction mode (DCM) provides higher
conversion ratios at a given frequency at the cost of re-
duced efficiencies, higher switching currents, and lower
available output power.
Boost Converter: Maximum Output Current Capability
and Inductor Selection
For the boost topology, the maximum average inductor
current is:
IL(MAX)(AVG)= IO(MAX) •
1
1 − DMAX
• 1
η
where η (< 1.0) is the converter efficiency.
Due to the current limit of its internal power switch, the
LT8365 should be used in a boost converter whose maxi-
mum output current (IO(MAX)) is:
IO(MAX) ≤
VIN(MIN)
VOUT
• 1.5A − 0.5 • ΔISW
(
) • η
Minimumpossibleinductorvalueandswitchingfrequency
shouldalsobeconsideredsincetheywillincreaseinductor
ripple current ∆ISW.
The inductor ripple current ∆ISW has a direct effect on the
choice of the inductor value and the converter’s maximum
output current capability. Choosing smaller values of
∆ISW increases output current capability, but requires
large inductances and reduces the current loop gain (the
converter will approach voltage mode). Accepting larger
values of ∆ISW provides fast transient response and
allows the use of low inductances, but results in higher
input current ripple and greater core losses, and reduces
output current capability. It is recommended to choose a
∆ISW of approximately 0.60A.
Givenanoperatinginputvoltagerange,andhavingchosen
the operating frequency and ripple current in the inductor,
theinductorvalueoftheboostconvertercanbedetermined
using the following equation:
L =
VIN(MIN)
ΔISW • fOSC
• DMAX
The peak inductor current is the switch current limit
(maximum 2.7A), and the RMS inductor current is ap-
proximately equal to IL(MAX)(AVG).
Choose an inductor that can handle at least 2.7A without
saturating, and ensure that the inductor has a low DCR
(copper-wireresistance)tominimizeI2Rpowerlosses.Note
thatinsomeapplications,thecurrenthandlingrequirements
of the inductor can be lower, such as in the SEPIC topology
where each inductor only carries one-half of the total switch
current. For better efficiency, use similar valued inductors
with a larger volume. Many different sizes and shapes are
availablefromvariousmanufacturers(seeTable2).Choosea
corematerialthathaslowlossesattheprogrammedswitch-
ing frequency, such as a ferrite core. The final value chosen
for the inductor should not allow peak inductor currents to
exceed 1.5A in steady state at maximum load. Due to toler-
ances, be sure to account for minimum possible inductance
value, switching frequency and converter efficiency.
For inductor current operation in CCM and duty cycles
above 50%, the LT8365's internal slope compensa-
tion prevents sub-harmonic oscillations provided the
inductor value exceeds a minimum value given by:
L >
VIN
–5 •D2 +10 •D – 1
(
)• fOSC
( )
•
2 •D – 1
(
)
1– D
(
)
Lower L values are allowed if the inductor current operates
in DCM or duty cycle operation is below 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com