Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices LT8331 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LT8365
30
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2020-2021
09/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT8300
100VIN Micropower Isolated Flyback Converter with
150V/260mA Switch
VIN = 6V to 100V, Low IQ Monolithic No-Opto Flyback, 5-Lead
TSOT-23
LT8330
60V, 1A, Low IQ Boost/SEPIC/Inverting 2MHz Converter
VIN = 3V to 40V, VOUT(MAX) = 60V, IQ = 6µA (Burst Mode Operation),
6-Lead TSOT-23, 3mm × 2mm DFN Packages
LT8331
Low IQ Boost/SEPIC/Flyback/Inverting Converter with
140V/0.5A Switch
VIN = 4.5V to 100V, VOUT(MAX)=140V, IQ = 6µA (Burst Mode
Operation), MSOP-16(12)E
LT8361
100V, 2A, Low IQ Boost/SEPIC/Inverting Converter
VIN = 2.8V to 60V, VOUT(MAX)=100V, IQ = 9µA (Burst Mode
Operation), MSOP-16(12)E
LT8362
60V, 2A, Low IQ Boost/SEPIC/Inverting Converter
VIN = 2.8V to 60V, VOUT(MAX) = 60V, IQ = 9µA (Burst Mode
Operation), MSOP-16(12)E, 3mm × 3mm DFN-10 Packages
LT8364
60V, 4A, Low IQ Boost/SEPIC/Inverting Converter
VIN = 2.8V to 60V, VOUT(MAX) = 60V, IQ = 9µA (Burst Mode
Operation), MSOP-16(12)E, 4mm × 3mm DFN-12 Packages
LT8494
70V, 2A Boost/SEPIC 1.5MHz High Efficiency Step-Up
DC/DC Converter
VIN = 1V to 60V (2.5V to 32V Start-Up), VOUT(MAX) = 70V, IQ = 3µA
(Burst Mode Operation), ISD = <1µA, 20-Lead TSSOP
LT8580
1A (ISW), 65V, 1.5MHz, High Efficiency Step-Up DC/DC
Converter
VIN: 2.55V to 40V, VOUT(MAX) = 65V, IQ = 1.2mA, ISD = <1µA,
3mm × 3mm DFN-8, MSOP-8E
LT3958
80V, 3.3A Boost/SEPIC/Inverting Flyback Converter
VIN: 5V to 80V, VOUT(MAX) = 83V, IQ = 1.6mA, 5mm × 6mm QFN-36
Package
C4
1µF
C1
4.7µF
C3
1nF
C2
0.22µF
R6
1M
R5
6.49k
R4
84.5k
R3
107k
D2
C5
0.22µF
L1
3.3µH
R8
20
D3
C6
0.22µF
D1
C7
0.22µF
D4
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
3V TO 6V
VOUT
VOUT
250V
D1, D2, D3, D4: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324033
1.5mA
C5, C6, C7: CGJ5L3X7T2D224K160AA
8365 TA02a
400kHz, 3V to 6V Input, 250V Output Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com