Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8331
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT8365
10
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 1. Burst Frequency vs Load Current
ACHIEVING ULTRALOW QUIESCENT CURRENT
To enhance efficiency at light loads the LT8365 uses
a low ripple Burst Mode architecture. This keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and output
ripple.InBurstModeoperation,theLT8365deliverssingle
small pulses of current to the output capacitor followed
by sleep periods where the output power is supplied by
the output capacitor. While in sleep mode, the LT8365
consumes only 9µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage of
time the LT8365 is in sleep mode increases, resulting in
much higher light load efficiency than for typical convert-
ers. To optimize the quiescent current performance at light
loads, the current in the feedback resistor divider must be
minimized as it appears to the output as load current. In ad-
dition, all possible leakage currents from the output should
also be minimized as they all add to the equivalent output
load. The largest contributor to leakage current can be due
to the reverse biased leakage of the Schottky diode (see
Diode Selection in the Applications Information section).
While in Burst Mode operation, the current limit of
the switch is approximately 325mA resulting in the
output voltage ripple shown in Figure 2. Increasing
the output capacitance will decrease the output ripple
proportionally. As the output load ramps upward from
zero the switching frequency will increase but only up
to the fixed frequency defined by the resistor at the
Figure 2. Burst Mode Operation
RT pin as shown in Figure 1. The output load at which
the LT8365 reaches the fixed frequency varies based
on input voltage, output voltage, and inductor choice.
PROGRAMMING INPUT TURN-ON AND TURN-OFF
THRESHOLDS WITH EN/UVLO PIN
The EN/UVLO pin voltage controls whether the LT8365 is
enabled or is in a shutdown state. A 1.6V reference and a
comparatorA6withbuilt-inhysteresis(typical80mV)allow
the user to accurately program the system input voltage
at which the IC turns on and off (see the Block Diagram).
The typical input falling and rising threshold voltages can
be calculated by the following equations:
VIN(FALLING,UVLO(–)) = 1.60 •
R3 + R4
R4
VIN(RISING, UVLO(+)) = 1.68 •
R3 + R4
R4
VIN current is reduced below 1µA when the EN/UVLO pin
voltage is less than 0.2V. The EN/UVLO pin can be con-
nected directly to the input supply VIN for always-enabled
operation. A logic input can also control the EN/UVLO pin.
When operating in Burst Mode operation for light load
currents, the current through the R3 and R4 network can
easily be greater than the supply current consumed by the
LT8365. Therefore, R3 and R4 should be large enough to
minimize their effect on efficiency at light loads.
VIN = 50V, VOUT = 100V, BOOST
LOAD CURRENT (mA)
0
10
20
30
40
50
0
200
400
600
8365 F01
2µs/DIV
VOUT
20mA/DIV
IL1+ IL2
100mA/DIV
8365 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com