Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1720S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS1720
6 of 14
THERMOSTAT OUTPUT OPERATION Figure 3
OPERATION AND CONTROL
The DS1720 must have temperature settings resident in the TH and TL registers for thermostatic operation.
A configuration/status register is also used to determine the method of operation that the DS1720 will use
in a particular application, as well as indicating the status of the temperature conversion operation. The
configuration register is defined as follows:
CONFIGURATION/STATUS REGISTER
DONE
THF
TLF
NVB
1
0
CPU
1SHOT
where
DONE = Conversion Done bit. 1=conversion complete, 0=conversion in progress.
THF = Temperature High Flag. This bit will be set to 1 when the temperature is greater than or equal to
the value of TH. It will remain 1 until reset by writing 0 into this location or by removing power from the
device. This feature provides a method of determining if the DS1720 has ever been subjected to
temperatures above TH while power has been applied.
TLF = Temperature Low Flag. This bit will be set to 1 when the temperature is less than or equal to the
value of TL. It will remain 1 until reset by writing 0 into this location or by removing power from the
device. This feature provides a method of determining if the DS1720 has ever been subjected to
temperatures below TL while power has been applied.
NVB = Nonvolatile Memory Busy Flag. 1=write to an E
2 memory cell in progress. 0=nonvolatile
memory is not busy. A copy to E
2 may take up to 10 ms.
CPU = CPU use bit. If CPU=0, the CLK/ CONV pin acts as a conversion start control, when RST is low.
If CPU is 1, the DS1720 will be used with a CPU communicating to it over the 3–wire port, and the
operation of the CLK/ CONV pin is as a normal clock in concert with DQ and RST . This bit is stored in
nonvolatile E
2 memory, capable of at least 50,000 writes. The DS1720 is shipped with CPU=0.
1SHOT = One–Shot Mode. If 1SHOT is 1, the DS1720 will perform one temperature conversion upon
reception of the Start Convert T protocol. If 1SHOT is 0, the DS1720 will continuously perform
temperature conversion. This bit is stored in nonvolatile E 2 memory, capable of at least 50,000 writes.
The DS1720 is shipped with 1SHOT=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com