Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1720S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS1720
4 of 14
TEMPERATURE MEASURING CIRCUITRY Figure 2
This calculation is done inside the DS1720 to provide 0.
5°C resolution. The temperature reading is
provided in a 9–bit, two’s complement reading by issuing a READ TEMPERATURE command. Table 1
describes the exact relationship of output data to measured temperature. The data is transmitted serially
through the 3–wire serial interface, LSB first. The DS1720 can measure temperature over the range of
–5
5°C to +125°C in 0.5°C increments. For Fahrenheit usage, a lookup table or conversion factor must be
used.
TEMPERATURE/DATA RELATIONSHIPS Table 1
TEMP
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+85
°C
0 10101010
00AA
+25
°C
0 00110010
0032h
+½
°C
0 00000001
0001h
+0
°C
0 00000000
0000h
-½
°C
1 11111111
01FFh
-25
°C
1 11001110
01CEh
Since data is transmitted over the 3–wire bus LSB first, temperature data can be written to/read from the
DS1720 as either a 9–bit word (taking RST low after the 9
th (MSB) bit), or as two transfers of 8–bit
words, with the most significant 7 bits being ignored or set to zero, as illustrated in Table 1. After the
MSB, the DS1720 will output 0s.
Note that temperature is represented in the DS1720 in terms of a ½
°C LSB, yielding the following 9–bit
format:
MSB
LSB
X
X
X
X
X
X
X
1
1
1
0
0
1
1
1
0
T = -25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com