Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DS1720
12 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +6.0V
Operating Temperature
–5
5°C to +125°C
Storage Temperature
–5
5°C to +125°C
Soldering Temperature
26
0°C for 10 seconds
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS1720 is built to the highest quality standards and manufactured for long
term reliability.
All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the DS1720 is not exposed to environmental stresses, such as burn–in,
that some industrial applications require. For specific reliability information on this product, please
contact the factory in Dallas at (972) 371–4448.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply
VDD
2.7
5.5
V
1
Logic 1
VIH
0.7 x VDD
VDD + 0.3
V
1
Logic 0
VIL
-0.5
0.3 x VDD
V
1
DC ELECTRICAL CHARACTERISTICS
(-55
°C to +125°C; V
DD=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS
NOTES
Thermometer Error
TERR
-55
°C to +125°C
±2.5
°C
Thermometer
Resolution
12
Bits
Logic 0 Output
VOL
0.4
V
3
Logic 1 Output
VOH
2.4
V
2
Input Current on Each
Pin
0.4 < VI/O < 0.9 x
VDD
-10
+10
μA
Input Resistance
RI
RST
to GND
DQ, CLK to VDD
1
1
M
Ω
M
Ω
Active Supply Current
ICC
0
°C to +70°C
1
mA
4
Standby Supply Current
ISTBY
0
°C to +70°C
1.5
μA
4
Thermal Drift
±0.2
°C
10
SINGLE CONVERT TIMING DIAGRAM (STAND-ALONE MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com