Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1720
10 of 14
FUNCTION EXAMPLE
Example: CPU sets up DS1720 for continuous conversion and thermostatic function.
CPU MODE
DS1720 MODE
(3-WIRE)
DATA (LSB FIRST)
COMMENTS
TX
RX
0Ch
TCPU issues Write Config command
TX
RX
00h
CPU sets DS1720 up for continuous
conversion
TX
RX
Toggle RST
CPU issues Reset to DS1720
TX
RX
01h
CPU issues Write TH command
TX
RX
0050h
CPU sends data for TH limit of +40°C
TX
RX
Toggle RST
CPU issues Reset to DS1720
TX
RX
02h
CPU issues Write TL command
TX
RX
0014h
CPU sends data for TL limit of +10°C
TX
RX
Toggle RST
CPU issues Reset to DS1720
TX
RX
A1h
CPU issues Read TH command
RX
TX
0050h
DS1720 sends back stored value of TH
for CPU to verify
TX
RX
Toggle RST
CPU issues Reset to DS1720
TX
RX
A2h
CPU issues Read TL command
RX
TX
0014h
DS1720 sends back stored value of TL
for CPU to verify
TX
RX
Toggle RST
RST CPU issues Reset to DS1720
TX
RX
EEh
CPU issues Start Convert T command
TX
RX
Toggle RST
CPU issues Reset to DS1720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com