Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1720S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1720
9 of 14
DS1720 COMMAND SET Table 3
INSTRUCTION
DESCRIPTION
PROTOCOL
3-WIRE BUS
DATA AFTER
ISSUING
PROTOCOL
NOTES
TEMPERATURE CONVERSION COMMANDS
Read Temperature
Temperature Reads last converted
temperature value from
temperature register
AAh
<read data>
Read Counter
Reads value of count remaining
from counter
A0h
<read data>
Read Slope
Reads value of the slope
accumulator
A9h
<read data>
Start Convert T
Initiates temperature conversion
EEh
Idle
1
Stop Convert T
Halts temperature conversion
22h
Idle
1
THERMOSTAT COMMANDS
Write TH
Writes high temperature limit
value into TH register
01h
<write data>
2
Write TL
Writes low temperature limit value
into TL register
02h
<write data>
2
Read TH
Reads stored value of high
temperature limit from TH register
A1h
<read data>
2
Read TL
Reads stored value of low
temperature limit from TL register
A2h
<read data>
2
Write Config
Writes configuration data to
configuration register
0Ch
<write data>
2
Read Config
Reads configuration data from
configuration register
ACh
<read data>
2
NOTES:
1. In continuous conversion mode, a Stop Convert T command will halt continuous conversion. To
restart, the Start Convert T command must be issued. In one–shot mode, a Start Convert T command
must be issued for every temperature reading desired.
2. Writing to the E
2 typically requires 10 ms at room temperature. After issuing a write command, no
further writes should be requested for at least 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com