Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1720S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
020106
FEATURES
Requires no external components
Supply voltage range covers from 2.7V to
5.5V
Measures temperatures from –5
5°C to
+12
5°C in 0.5°C increments. Fahrenheit
equivalent is –6
7°F to +257°F in 0.9°F
increments
Temperature is read as a 9–bit value
Converts temperature to digital word in 1
second (max)
Thermostatic settings are user–definable and
non–volatile
Data is read from/written via a 3–wire serial
interface (CLK, DQ, RST )
Applications include thermostatic controls,
industrial systems, consumer products,
thermometers, or any thermally sensitive
system
8–pin SOIC (208 mil) package
PIN ASSIGNMENT
PIN DESCRIPTION
DQ
– 3–Wire Input/Output
CLK/ CONV
– 3–Wire Clock Input and
Stand–alone
Convert Input
RST
– 3–Wire Reset Input
GND
– Ground
THIGH
– High Temperature Trigger
TLOW
– Low Temperature Trigger
TCOM
– High/Low Combination Trigger
VDD
– Power Supply Voltage (3V-5V)
DESCRIPTION
The DS1720 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate
the temperature of the device. With three thermal alarm out-puts, the DS1720 can also act as a thermostat.
THIGH is driven high if the DS1720’s temperature is greater than or equal to a user–defined temperature
TH. TLOW is driven high if the DS1720’s temperature is less than or equal to a user–defined temperature
TL. TCOM is driven high when the temperature exceeds TH and stays high until the temperature falls below
that of TL.
User–defined temperature settings are stored in non–volatile memory, so parts can be programmed prior
to insertion in a system, as well as used in stand–alone applications without a CPU. Temperature settings
and temperature readings are all communicated to/from the DS1720 over a simple 3–wire interface.
DS1720
ECON-Digital Thermometer and
Thermostat
www.maxim-ic.com
DS1720S 8-Pin SOIC (208-mil)
1
2
3
4
8
7
6
5
DQ
CLK/CONV
RST
GND
VDD
THIGH
TLOW
TCOM


Similar Part No. - DS1720S/T&R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
Econo . Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1720 MAXIM-DS1720 Datasheet
250Kb / 11P
Operating Instructions
051503
More results

Similar Description - DS1720S/T&R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com