Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720S/T&R Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1720S/T&R
Description  ECON-Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1720S/T&R Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1720S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1720S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS1720
5 of 14
Higher resolutions may be obtained by reading the temperature, and truncating the 0.
5°C bit (the LSB)
from the read value. This value is TEMP_READ. The value left in the counter may then be read by
issuing a READ COUNTER command. This value is the count remaining (COUNT_REMAIN) after the
gate period has ceased. The value of the slope accumulator may be read (using the READ SLOPE
command), yielding the number of counts per degree C (COUNT_PER_C) at that temperature. The actual
temperature may be then be calculated by the user using the following:
TEMPERATURE = TEMP_READ – 0.25 +
DETAILED PIN DESCRIPTION Table 2
PIN
SYMBOL
DESCRIPTION
1
DQ
Data Input/Output pin for 3–wire communication port.
2
CLK/ CONV
Clock input pin for 3–wire communication port. When the DS1720 is used in
a stand–alone application with no 3–wire port, this pin can be used as a
convert pin. Temperature conversion will begin on the falling edge of CONV .
3
RST
Reset input pin for 3–wire communication port.
4
GND
Ground pin.
5
TCOM
High/Low Combination Trigger. Goes high when temperature exceeds TH;
will reset to low when temperature falls below TL.
6
TLOW
Low Temperature Trigger. Goes high when temperature falls below TL.
7
THIGH
High Temperature Trigger. Goes high when temperature exceeds TH.
8
VDD
Supply Voltage. 2.7V – 5.5V input power pin.
OPERATION–THERMOSTAT CONTROLS
Three thermally triggered outputs, THIGH, TLOW, and TCOM, are provided to allow the DS1720 to be used
as a thermostat, as shown in Figure 3. When the DS1720’s temperature meets or exceeds the value stored
in the high temperature trip register, the output THIGH becomes active (high) and remains active until the
DS1720’s measured temperature becomes less than the stored value in the high temperature register, TH.
The THIGH output can be used to indicate that a high temperature tolerance boundary has been met or
exceeded, or as part of a closed loop system can be used to activate a cooling system and to deactivate it
when the system temperature returns to tolerance.
The TLOW output functions similarly to the THIGH output. When the DS1720’s measured temperature
equals or falls below the value stored in the low temperature register, the TLOW output becomes active.
TLOW remains active until the DS1720’s temperature becomes greater than the value stored in the low
temperature register, TL. The TLOW output can be used to indicate that a low temperature tolerance
boundary has been met or exceeded, or as part of a closed loop system, can be used to activate a heating
system and to deactivate it when the system temperature returns to tolerance.
The TCOM output goes high when the measured temperature meets or exceeds TH, and will stay high until
the temperature equals or falls below TL. In this way, any amount of hysteresis can be obtained.
(COUNT_PER_C– COUNT_REMAIN)
COUNT_PER_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com