Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 9 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 9 Page - Linx Technologies

Back Button MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies MDEV-433-RM Datasheet HTML 10Page - Linx Technologies MDEV-433-RM Datasheet HTML 11Page - Linx Technologies MDEV-433-RM Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
A whip-style monopole antenna provides outstanding overall
performance and stability. A low-cost whip can be easily fabricated
from wire or rod, but most product designers opt for the improved
performance and cosmetic appeal of a professionally made model.
To meet this ne ed, Linx offers a wide variety of straight and
r e d u c e d - h e i g h t w h i p - s t y l e a n t e n n a s i n p e r m a n e n t a n d
connectorized mounting styles.
Th e waveleng th of t he ope rational frequency determ ines an
antenna's overall length. Since a full wavelength is often quite long,
a partial 1/4-wave antenna is nor mally employed. Its size and
natural radiation resistance make it well matched to Linx modules.
The proper length fo r a 1 /4-wave antenna can be easily found
using the formula below. It is also possible to reduce the overall
height of the antenna by using a helical winding. This decreases
the antenna's bandwidth but is an excellent way to minimize the
antenna's physical size for compact applications.
Page 9
Helical Style
Whip Style
Loop Style
1/4 wave wire lengths for
RM frequencies:
418MHz = 6.7"
433MHz = 6.5"
COMMON ANTENNA STYLES
There are literally hundreds of antennas styles that can be successfully employed with
the RM Series. Following is a brief discussion of the three styles most commonly utilized
in compact RF designs. Additional antenna information can be found in Linx application
notes #00500, #00100, #00126 and #00140.
A helical antenna is pr ecisely for med from wire o r rod. A helical
ante nna is a good choice for low-cost prod ucts requiring average
range performance and internal concealment. A helical can detune
badly in proximity to other objects and its bandwidth is quite narrow
so care must be exercised in layout and placement.
A loop- or trace-style ant enna is n ormally printed directly on a
produ ct's PCB. This makes it the most cost-effective of antenna
styles. There are a variety of shapes and layout styles which can be
utilized. The element can be made self-resonant or externally
resonated with discrete components. Despite its cost advantages,
PCB antenna styles are generally inefficient and useful only for short-
range applications. Loop-style antennas are also ver y sensitive to
changes in layout or substrate dielectr ic which can int roduce
consistency issues into the production process. In addition, printed
styles initially are difficult to engineer, requiring the use of expensive
equipment including a network analyzer. An improperly designed loop
will have a high SWR at the desired frequency which can introduce
substantial instability in the RF stages.
Linx offers a low-cost planar antenna called the “SPLATCH” which is
an exce llent alter native to the sometimes proble matic PCB trace
style. This tiny antenna mount s directly to a product's PCB and
requires no test ing or tuning. Its design is stable even in compact
applications and it provides excellent performance in light of its
compact size.
Where:
L=length in feet of quarter-wave length
F=operating frequency in megaher tz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com