Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 1 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 1 Page - Linx Technologies

  MDEV-433-RM Datasheet HTML 1Page - Linx Technologies MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DESCRIPTION:
The LINX TXM-XXX-RM Series is an advanced ultra-
compact SAW-based transmitter module.When paired
with a Linx Technologies RM Series receiver, the units
create a highly reliable link capable of transferring
analogue or high-speed digital data at distances in
excess of 500 ft. Like all Linx modules, the RM
Series needs no production tuning or adjustment
and requires no external RF components (except
an antenna). Observing simple design rules, the
module is easily integrated
even by engineers
lacking previous RF experience.
RM SERIES TRANSMITTER MODULE DATA GUIDE
HIGH PERFORMANCE
RF MODULE
TXM-418/433-RM
s
Remote Control / Access Control
s
Remote Monitoring / Telemetry
s
Medical Alert
s
Remote Industrial Process Monitoring
s
Periodic Data Transfer
s
Lighting Control
s
Garage/Gate Openers
s
Security / Fire Alarms
s
Wire Elimination
APPLICATIONS INCLUDE:
s
Compact SIP-style mounting
s
No production tuning or setup
s
Direct analog or digital input
s
Precision SAW-stabilized FM/FSK modulation
s
Supports high data rates (up to 10 Kbps)
s
Wide supply range (5.9-9 vDC)
s
Low power consumption (6mA Typical)
s
Wide operating temperature range
FEATURE HIGHLIGHTS:
PART #
DESCRIPTION
MDEV-418-RM
Evaluation Kit 418 MHz
TXM-418-RM-** Transmitter 418 MHz
RXM-418-RM-** Receiver 418 MHz
MDEV-433-RM
Evaluation Kit 433 MHz
TXM-433-RM-** Transmitter 433 MHz
RXM-433-RM-** Receiver 433 MHz
** Insert TB for Tube Packaging
ORDERING INFORMATION
Revised 2/8/00
Physical Outline


Similar Part No. - MDEV-433-RM

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MDEV-433-RM LINX-MDEV-433-RM Datasheet
204Kb / 16P
RM SERIES RECEIVER MODULE DATA GUIDE
2000
More results

Similar Description - MDEV-433-RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3FRX ETC2-NC3FRX Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GE13007 ETL-GE13007 Datasheet
308Kb / 3P
N P N S I L I CO N T R I P L E D I F F U S E D M E S A T Y P E T R A N S I S T O R
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GPNE555 ETL-GPNE555 Datasheet
503Kb / 5P
S I N G L E T I M E R
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
T E L E C O M R E C T I F I E R S Y S T E M S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com