Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 6 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 6 Page - Linx Technologies

Back Button MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies MDEV-433-RM Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
BOARD LAYOUT CONSIDERATIONS
If you are at all familiar with RF devices you may be concerned about
specialized layout requirements. Fortunately, because of the care taken in
design, integrating an RM transmitter into your design is very straightforward.
By adhering carefully to a few basic design and layout rules, you can enjoy a
trouble-free path to RF success.
Figure 6 shows the suggested PCB
footprint for the RM transmitter.
1) A
ground-plane
(as
large
as
possible) should be placed directly
under the RM transmitter. This
ground-plane can also be critical to
the performance of your antenna.
2) The RM transmitter should, as much
as reasonably possible, be isolated from all other components on your PCB.
Specifically, high-frequency circuitry such as crystal oscillators should be
kept as far away as possible from the transmitter.
3) The module may be mounted vertically or bent horizontal to the product’s
PCB. If the transmitter is to be mounted parallel to the board, it should be
bent over so that the side without components is closest to the PC board
and the component side is facing away from the PC board.
4) No conductive items should be placed within .25 in. of the module’s
component side to prevent detuning.
5) The trace from the transmitter to the antenna should be kept as short as
possible. A simple trace is suitable for runs up to 1/4 inch for antennas with
wide bandwidth characteristics. For longer runs or to avoid detuning a high-
Q narrow bandwidth antenna such as a helical, use a 50-ohm coax or 50-
ohm microstrip transmission line as shown in figure 7.
Depending on the type
antenna being used,
the output power of the
RM module
may
be
significantly higher than
FCC regulations allow.
The output power of the
module is intentionally
set high since many
designers
pair
the
module
with
an
inefficient antenna in
order to realize cost or
space savings. Since
attenuation is commonly
required a designer may want to place locating pads in-line with the antenna
trace as shown. In the event that a T-pad is required the antenna trace can
be cut and the pads populated. For further details on T-pads please refer to
Linx application note #00150.
figure 6: Recommended PCB footprint
figure 7: Microstrip transmission line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com