Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-433-RM Datasheet HTML 1Page - Linx Technologies MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3
figure 2: Mechanical dimensions
PIN DESCRIPTION
Pin 1 GND
Connect to common ground-plane.
Pin 2 RF OUT
For connection to external antenna. Output impedance is 50
Ω.
Pin 3 Vcc
Positive supply pin, supply voltages from +5.9 to +9 volts may be
used.
Pin 4 GND
Connect to common ground-plane.
Pin 5 DATA IN
Analog or digital input. Should be driven by the same supply
voltage as the module. Usually interfaced with a CMOS logic
level device. Should never exceed Vcc.
PHYSICAL PACKAGING
The transmitter is packaged as a hybrid SIP module with five pins spaced 0.1
in. on center.The SIP package allows easy accommodation of both horizontal
and vertical mounting requirements into a highly compact package. Its leaded
design allows for easy prototyping and simple integration into through-hole
and surface-mount designs. If the module will be bent and laid flush on the
circuit board, a pad of silicon or other adhesive should be used to hold it in
place.
WHAT EXTERNAL COMPONENTS ARE REQUIRED ?
The RM Series transmitter requires only a supply voltage, an external antenna
and analog or digital input. Production adjustment or tuning is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com