Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-433-RM Datasheet HTML 1Page - Linx Technologies MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4
PERFORMANCE DATA – RM SERIES TRANSMITTER
Performance Data Parameters:
Ambient temperature:
20°C
Supply voltage:
+8 volts, unless noted otherwise
Test circuit:
configured as shown in figure 3
figure 3: LINX RM Series test circuit
Parameter
Min.
Typical
Max
Measure
Notes
Operating supply range (Vcc)
5.9
6.0
9.0
Volts
–
Supply current
Vcc = 6.0V
3.0
6.0
10.0
mA
–
Vcc = 9.0V
5.0
10.0
17.0
mA
–
Field strength of fundamental Vcc = 6.0V
-4
-1
+4
dBm
1
Transmit frequency
RM Modules are available in 418 & 433.92 MHz
Initial frequency accuracy
-80
–
+80
KHz
–
Overall frequency accuracy
-95
–
95
KHz
2
Spurious radiation
Capable of meeting FCC Par t 15
FM deviation (+/-)
15
25
40
KHz
3
Modulation Bandwidth (-3dB) analog
DC
–
10
KHz
3
Digital data rate
100
–
10,000
BPS
4
Data input voltage
0vDC to Vcc
Max. data rate
<=5Kbps
Notes:
1 Into 50
Ω load.
2 Supply 5.9 to 9 volt, temp -10˚ to +55˚ C.
3 2 KHz square wave, 0 to Vcc.
4 High or low pulse.
Absolute Maximum Ratings:
Supply voltage Vcc
pin 3
-0.7 to +12 volts
Modulation input
pin 5
-0.7 to +12 volts
Operating temperature
-10°C to +55°C
Storage temperature
-40°C to +100°C
*NOTE* Exceeding any of the limits of this section may lead to permanent damage to the
device. Furthermore, extended operation at these maximum ratings may reduce the life of
this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com