Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 7 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 7 Page - Linx Technologies

Back Button MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies MDEV-433-RM Datasheet HTML 10Page - Linx Technologies MDEV-433-RM Datasheet HTML 11Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7
This is an example of a basic remote control design utilizing a Holtek
encoder/decoder IC. When a key is pressed at the transmitter, a corresponding
pin at the receiver goes high. This basic circuit can be easily modified to suit
a broad range of applications, and clearly demonstrates the ease of using and
interfacing the Linx modules.
figure 8: Basic wireless encoder circuit
BASIC REMOTE CONTROL EXAMPLE
MODULATION REQUIREMENTS
The RM transmitter has a DC to 10 KHz modulation bandwidth and will accept
direct analog (AFSK) or digital data. A modulation lowpass filter (10 KHz @
-6 dB, 1st order) is used internally.
Digital data is normally input to pin 5 in a serial stream at CMOS logic levels
such as those from a microprocessor or encoder IC. The maximum data rate
is 10Kbps. The pin should always be driven with a voltage common to the
supply voltage present at pin 3 (Vcc). Under no condition should the voltage
at the data pin be allowed to exceed the supply voltage (Vcc).
DATA CODING
Once a reliable RF link has been established, the challenge becomes how to
most effectively transfer data across it. Since the transmit and receive
modules have no internal digital coding/decoding, a user has tremendous
flexibility to send many types of analog and digital data. It is important to
understand, however, that some intelligent transmission structure must be
used. This is true for several reasons. The first and most significant is that
there must be some way to distinguish an intended transmission from
interferers and ambient noise. In addition, it is generally not possible to hold
DC levels across an RF link, therefore, transitions must take place at
minimum intervals.
It is, of course, a simple task to also accomplish application-specific data
encoding and transfer using a microprocessor. Inexpensive micros such as
the Microchip PIC series make an excellent choice for this task.
If you do not have a microprocessor on-board your product and you want to
send control signals such as a key press, switch closing, or low-rate data,
consider using an encoder and decoder IC chipset. These chips take care of
all encoding, error checking, and decoding functions and are available from
Linx. An example of such an application is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com