Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 8 Page - Linx Technologies

Part # MDEV-433-RM
Description  R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 8 Page - Linx Technologies

Back Button MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies MDEV-433-RM Datasheet HTML 10Page - Linx Technologies MDEV-433-RM Datasheet HTML 11Page - Linx Technologies MDEV-433-RM Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8
ANTENNA CONSIDERATIONS
The range of the RF link is widely variable and depends upon the type of antenna employed
and the operating environment. Proper design and matching of an antenna is a complex
task requiring sophisticated test equipment and a strong background in principles of RF
propagation. While adequate antenna performance can often be obtained by trial and error
methods, you may also want to consider utilizing a premade antenna from Linx. Our low-cost
antenna line is designed to ensure maximum performance and Part 15 compliance.
It is usually best to utilize a basic quarter-wave whip for your initial concept evaluation.This
can easily be made from a piece of wire as shown on the next page. Once the prototype
product is operating satisfactorily, a production antenna should be selected to meet the cost,
size and cosmetic requirements of the product. It is important to recognize that the antenna
plays a significant role in determining the performance and legality of your end product. In
order to gain a better understanding of the considerations involved in the design and
selection of antennas, please review Linx applications note #00500 “Antennas: Design,
Application, Performance”.
The following notes should help in achieving optimum antenna performance:
1.
Proximity to objects such as a user’s hand or body, or metal objects will cause an
antenna to detune. For this reason the antenna shaft and tip should be positioned as far
away from such objects as possible.
2.
Optimum perform ance will be obtaine d from a 1/4- or 1/2- wave straight whip
mounted at a right angle to the ground-plane. In many cases this isn’t desirable for
practical or ergonomic reasons; thus, an alternative antenna style such as a helical,
loop, patch, or base-loaded whip may be utilized.
3.
It is always a good practice to include a T-attenuation pad as describ ed under
"Board Layout Considerations". This allows your product's output power to be adjusted
for cer tification purposes without change or compromise to the antenna.
4.
If an internal antenna is to be used, keep it away from other metal components,
particularly large items like transformers, batteries, and PCB tracks and ground-planes.
In many cases, the space around the antenna is as important as the antenna itself.
5.
In many antenna designs, particularly 1/4-wave whips, the ground-plane acts as a
counterpoise, forming, in essence, a 1/2-wave dipole. For this reason adequate ground-
plane area is essential. As a general rule the ground-plane to be used as counterpoise
should have a surface area
≥ the overall length of the 1/4-wave radiating element.
6.
Remove the antenna as far as possible from potential internal interference sources.
Switching power supplies, oscillators, even relays can also be significant sources of
potential interference. The single best weapon against such problems is attention to
placement and layout. Filter the module’s power supply with a high-frequency bypass
capacitor. Place adequate ground-plane under all potential sources of noise. Shield
noisy board areas whenever practical.
7.
In some applications it is advantageous to place the transmitter and its antenna
away from the main equipment. This avoids interference problems an d allows the
antenna to be oriented for optimum RF performance. Always use 50
Ω coax such as
RG-174 for the remote feed.
PARAMETER
LOOP
HELICAL
WHIP
Ultimate performance
q
qq
qqq
Ease of design setup
q
qq
qqq
Size
qq
qqq
q
Immunity to proximity effects
qqq
qq
q
q=FAIR
qq=GOOD
qqq=EXCELLENT
Antenna Selection Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com