Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2033 Datasheet HTML 1Page - Microchip Technology MIC2033 Datasheet HTML 2Page - Microchip Technology MIC2033 Datasheet HTML 3Page - Microchip Technology MIC2033 Datasheet HTML 4Page - Microchip Technology MIC2033 Datasheet HTML 5Page - Microchip Technology MIC2033 Datasheet HTML 6Page - Microchip Technology MIC2033 Datasheet HTML 7Page - Microchip Technology MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 3
MIC2033
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VIN to GND................................................................................................................................................... –0.3V to +6V
VOUT to GND..................................................................................................................................................–0.3V to VIN
VCSLEW to GND ................................................................................................................................. –0.3V to VIN + 0.3V
VEN to GND.................................................................................................................................................. –0.3V to +6V
VFAULT/ to GND ..................................................................................................................................–0.3V to VIN + 0.3V
FAULT/ Current (IFAULT/) .........................................................................................................................................25 mA
Maximum Power Dissipation (PD)..........................................................................................................Internally Limited
ESD Rating (HBM) (Note 1)....................................................................................................................................... 3 kV
ESD Rating (MM) (Note 1)........................................................................................................................................300V
Operating Ratings ‡
Supply Voltage (VIN) ................................................................................................................................. +2.5V to +5.5V
VEN............................................................................................................................................................ –0.3V to +5.5V
VCSLEW, VOUT................................................................................................................................................–0.3V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com