Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology MIC2033 Datasheet HTML 10Page - Microchip Technology MIC2033 Datasheet HTML 11Page - Microchip Technology MIC2033 Datasheet HTML 12Page - Microchip Technology MIC2033 Datasheet HTML 13Page - Microchip Technology MIC2033 Datasheet HTML 14Page - Microchip Technology MIC2033 Datasheet HTML 15Page - Microchip Technology MIC2033 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MIC2033
DS20005539C-page 12
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
SOT-23-6L
Pin Number
UDFN
Pin Name
Description
1
6
VIN
Input: Power switch and logic supply input.
2
5
GND
Ground: Input and output return pin.
3
4
EN
Enable (Input): Logic compatible, enable control input that allows
turn-on/off of the switch. Do not leave the EN pin floating.
4
3
FAULT/
Fault Status Flag (Output): Active-low, open-drain output. A
logic-low state indicates an overcurrent or thermal shutdown
condition. An overcurrent condition must last longer than tFAULT/ in
order to assert FAULT/. A pull-up resistor (10 kΩ recommended) to
an external supply is required.
5
2
CSLEW
Slew Rate Control: Adjustable soft-start input. Adding a small value
capacitor from CSLEW to VIN slows the turn-on time of the power
MOSFET.
6
1
VOUT
Switch Output: Power switch output.
—
EP
ePad
Exposed Pad: Exposed pad on bottom side of package. Connect to
electrical ground for optimum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com