Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2033 Datasheet HTML 1Page - Microchip Technology MIC2033 Datasheet HTML 2Page - Microchip Technology MIC2033 Datasheet HTML 3Page - Microchip Technology MIC2033 Datasheet HTML 4Page - Microchip Technology MIC2033 Datasheet HTML 5Page - Microchip Technology MIC2033 Datasheet HTML 6Page - Microchip Technology MIC2033 Datasheet HTML 7Page - Microchip Technology MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 1
MIC2033
Features
• ±5% Current-Limit Accuracy
• Input Supply Range from 2.5V to 5.5V
• Low Quiescent Current: 100 µA Typical (Switch
ON)
• 75 mΩ Typical RDS(ON) at 5V
• Current-Limit Options: 0.5A, 0.8A, 1A, and 1.2A
• Soft-Start Control via an External Capacitor
• Undervoltage Lockout (UVLO)
• Fast Response Time (10 µs) to Short-Circuit
Loads
• Fault Status Output Flag
• Logic Controlled Enable (Active-High, Active-Low)
• Thermal Shutdown
• Pin Compatible with MIC2005
• 6-Pin 2 mm x 2 mm UDFN and 6-Pin SOT-23
Packages
• Junction Temperature Range from –40°C to
+125°C
Applications
• USB Peripherals and USB 2.0/3.0-Compatible
• DTV/STB
• Notebooks and Consumer Electronics
• General Purpose Power Distribution
General Description
The MIC2033 is a high-side MOSFET power
distribution switch that provides increased system
reliability, utilizing 5% current-limit accuracy.
The MIC2033 has an operating input voltage range
from 2.5V to 5.5V, is internally current-limited and has
thermal shutdown to protect the device and system.
The MIC2033 is offered with either active-high or
active-low logic level enable input controls, has an
open-drain fault status output flag with a built-in 32 ms
delay that asserts low during over current or thermal
shutdown conditions.
The MIC2033 is available in several different fixed
current-limit options: 0.5A, 0.8A, 1A, and 1.2A. A
capacitor-adjustable soft-start circuit minimizes inrush
current in applications where high capacitive loads are
used.
The MIC2033 is offered in both 6-pin SOT-23 and 6-pin
2 mm x 2 mm UDFN packages. The MIC2033 has an
operating junction temperature range of –40°C to
+125°C.
Package Types
Note 1: UDFN ▲ = Pin 1 identifier.
MIC2033
SOT-23-6 (M6)
VIN
FAULT/
CSLEW
VOUT
EN
GND
4
5
6
1
2
3
MIC2033
2x2 UDFN (MT) (Note 1)
VIN
FAULT/
CSLEW
VOUT
GND
EP
4
5
6
1
2
3
EN
High-Accuracy, High-Side, Fixed Current-Limit Power Switch


Similar Part No. - MIC2033

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033-05AYM6 MICREL-MIC2033-05AYM6 Datasheet
654Kb / 20P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033-05AYM6 MICREL-MIC2033-05AYM6 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033-05AYMT MICREL-MIC2033-05AYMT Datasheet
654Kb / 20P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033-05AYMT MICREL-MIC2033-05AYMT Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
More results

Similar Description - MIC2033

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Rohm
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Rohm
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Rohm
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com