Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2033 Datasheet HTML 1Page - Microchip Technology MIC2033 Datasheet HTML 2Page - Microchip Technology MIC2033 Datasheet HTML 3Page - Microchip Technology MIC2033 Datasheet HTML 4Page - Microchip Technology MIC2033 Datasheet HTML 5Page - Microchip Technology MIC2033 Datasheet HTML 6Page - Microchip Technology MIC2033 Datasheet HTML 7Page - Microchip Technology MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MIC2033
DS20005539C-page 4
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VEN = 5V, CIN = 1 µF, CCSLEW = OPEN, COUT = 1 µF; TJ = +25°C, unless noted.
Bold values indicate –40°C ≤ TJ ≤ +125°C. (Note 1).
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
VIN
Input Voltage Range
2.5
—
5.5
V
—
VUVLO
Input Supply Undervoltage
Lockout Threshold
2.0
2.25
2.5
V
VIN rising
1.9
2.15
2.4
VIN falling
VUVLOHYS
Input Supply Undervoltage
Lockout Threshold Hysteresis
—
100
—
mV
VIN rising or VIN falling
IDD
Supply Current
—
0.75
5
µA
Switch OFF; Active-High
Enable (A): VEN = 0V, VIN = 5V,
IOUT = 0A
Switch OFF; Active-Low
Enable (B): VEN = VIN = 5V,
IOUT = 0A
—
100
300
µA
Switch ON; Active-High Enable
(A): VEN = 1.5V, VIN = 5V,
IOUT = 0A
Switch ON; Active-Low Enable
(B): VEN = 0V, VIN = 5V,
IOUT = 0A
Power MOSFET
RDS(ON)
Switch On-Resistance
—
100
177
mΩ
VIN = 2.5V, IOUT = 350 mA
—
85
145
VIN = 3.3V, IOUT = 350 mA
—
75
125
VIN = 5V, IOUT = 350 mA
ILKG
Output Leakage Current
0.22
15
µA
Switch OFF, VOUT = 0V
Current-Limit
ILIMIT
Current-Limit Accuracy
0.475
0.5
0.525
A
MIC2033-05xxxx, VOUT =
0.8*VIN
0.76
0.8
0.84
MIC2033-08xxxx, VOUT =
0.8*VIN
0.95
1.0
1.05
MIC2033-10xxxx, VOUT =
0.8*VIN
1.14
1.2
1.26
MIC2033-12xxxx, VOUT =
0.8*VIN
I/O
VEN
Enable Voltage
—
—
0.5
V
Logic-Low
1.5
—
—
Logic-High
IEN
Enable Input Current
—
1
—
µA
0V ≤ VEN ≤ 5V
RFLAG
Fault Flag Output Resistance
—
—
25
Ω
IOUT = 10 mA
Note 1: Specification for packaged product only.
2: See Timing Diagrams.
3: CCSLEW values above 0.1 µF are not recommended.
4: For dynamic current loads faster than typically 30 mA/ms. Slower current loads will delay the deactivation
of VOUT and the current limitation, allowing FAULT/ to be asserted before these.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com